Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 20 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 20 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 16Page - Micro Linear Corporation ML2721 Datasheet HTML 17Page - Micro Linear Corporation ML2721 Datasheet HTML 18Page - Micro Linear Corporation ML2721 Datasheet HTML 19Page - Micro Linear Corporation ML2721 Datasheet HTML 20Page - Micro Linear Corporation ML2721 Datasheet HTML 21Page - Micro Linear Corporation ML2721 Datasheet HTML 22Page - Micro Linear Corporation ML2721 Datasheet HTML 23Page - Micro Linear Corporation ML2721 Datasheet HTML 24Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ML2721
20
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
Table 14. PLL Frequency Shift
Table 12. Analog Test Control Bits
Table 13. Digital Test Control Bits
Table 11. Main Divider
CONTROL REGISTER BIT DESCRIPTIONS
ADR<1:0>, All 4 Registers
Address bits for all registers. The ADR<1:0> bits are the
LSB of each register. Each register is divided into data
field and address field. The data field is the leading field,
while the last two bits clocked into the register are always
the address field. The address field is decoded and the
addressed destination register loaded when EN goes high.
The last 16 bits clocked into the serial bus will be loaded
into the register. Clocking in less than 16-bits will result in
potentially incorrect entry into the register.
ATM<2:0>, Register #2 Only
Analog test control bits. The test mode selected is
described in Table 12. The performance of the ML2721 is
not guaranteed in these test modes. Although primarily
intended for IC test and debug, they can also help in
debugging the radio system. The default (power up) state
of these bits is ATM<2:0> = <0,0,0>. When a non-zero
value is written to the field, the RSSI and LD pins become
analog test access ports giving access to the outputs of
key signal processing stages in the transceiver. During
normal operation the ATM field should be set to zero.
DTM <2:0>, Register #2 Only
Digital test control bits. The DTM<2:0> bits function is
described in Table 13. The performance of the ML2721 is
not guaranteed in these test modes. Although primarily
intended for IC test and debug, they can also help in
debugging the radio system. The default (power up) state
of these bits is DTM<2:0> = <0,0,0>. When a non-zero
value is written to these fields the DOUT pin becomes a
digital test access port for key digital signals in the
transceiver. During normal operation the DTM field should
be set to zero.
CHQ <11:0>, Register #1 Only
Channel frequency selection bits. These bits set the
channel frequency for the transceiver. With a 6.144MHz
or 12.288MHz input to the REF pin the channel frequency
value is calculated by dividing the CHQ value by 0.512.
A 1.024MHz offset is automatically added in the receiver
mode to accommodate the IF frequency. The
recommended operating range value of the CHQ is from
1,024 (400hex) to 4,094 (FFEhex). These bits should be
programmed to a valid channel frequency before XCEN is
asserted.
LOL Register #0 Only
PLL frequency shift bit. LO shift for transmit and receive.
For normal operations, it is recommended that LOL = 0.
See Table 14.
CONTROL INTERFACES AND REGISTER DESCRIPTION (continued)
Power On State
All the registers are cleared when voltage is applied to
VDD (pin 31). The PLL divide ratio (See Table 11) and PLL
configuration registers should be programmed before
XCEN is asserted for the first time. The divide ratio is
calculated as fC/0.512 where fC is the channel frequency
in MHz.
Divide Ratio =
fc
0.512
A 1.024MHz offset is automatically added in the Receive
mode.
4
1
B
,
5
1
B2
B
o
t
3
1
B1
B0
B
.
a
.
no
i
t
a
r
e
d
i
v
i
d
L
L
P0
1
2
M
T
A1
M
T
A0
M
T
AI
P
TQ
P
T
00
0
I
S
S
R)
t
c
e
t
e
d
k
c
o
l
L
L
P
(
D
L
00
1
t
c
e
n
n
o
C
o
N
01
0
)
e
d
o
m
e
v
i
e
c
e
R
(
t
u
p
t
u
o
r
e
t
l
i
f
F
I
01
1
e
v
i
e
c
e
R
(
t
u
p
t
u
o
r
e
x
i
m
d
e
r
e
f
f
u
b
Q
)
e
d
o
m
10
0
e
v
i
e
c
e
R
(
t
u
p
t
u
o
r
e
x
i
m
d
e
r
e
f
f
u
b
F
I
)
e
d
o
m
10
1
)
s
e
d
o
m
l
l
a
(
t
u
p
t
u
o
r
e
t
l
i
f
a
t
a
D
11
0
)
e
d
o
m
e
v
i
e
c
e
R
(
s
t
u
p
t
u
o
r
e
t
i
m
i
l
F
I
11
1
.
f
e
R
V
7
6
.
1t
u
p
n
i
t
r
o
p
.
d
o
m
O
C
V
2
M
T
D1
M
T
D0
M
T
DT
U
O
D
000
a
t
a
d
d
e
t
a
l
u
d
o
m
e
D
00
1
e
t
a
t
s
C
G
A
r
e
v
i
e
c
e
R
01
0
t
u
p
t
u
o
r
e
d
i
v
i
d
n
i
a
m
L
L
P
01
1
t
u
p
t
u
o
r
e
d
i
v
i
d
e
c
n
e
r
e
f
e
r
L
L
P
L
O
Lt
i
m
s
n
a
r
T
r
o
f
t
f
i
h
S
O
Le
v
i
e
c
e
R
r
o
f
t
f
i
h
S
O
L
00
z
H
M
4
2
0
.
1
+
1z
H
M
4
2
0
.
1
+0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com