Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2721 Datasheet HTML 1Page - Micro Linear Corporation ML2721 Datasheet HTML 2Page - Micro Linear Corporation ML2721 Datasheet HTML 3Page - Micro Linear Corporation ML2721 Datasheet HTML 4Page - Micro Linear Corporation ML2721 Datasheet HTML 5Page - Micro Linear Corporation ML2721 Datasheet HTML 6Page - Micro Linear Corporation ML2721 Datasheet HTML 7Page - Micro Linear Corporation ML2721 Datasheet HTML 8Page - Micro Linear Corporation ML2721 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
January, 2000
PRELIMINARY DATASHEET
The ML2721 can be used as a single chip digital cordless
telephone transceiver or general purpose Frequency Shift
Keying (FSK) radio transceiver. It is designed to work in
the 902 to 928MHz ISM band under FCC Part 15
regulations. The device integrates all the frequency
generation, receive and transmit functions for data rates
up to 1.5Mbps. A complete radio only requires the
addition of an antenna switch. Micro Linear’s ML2751 is
an integrated 100mW power amplifier and receive LNA
with transmit/receive PIN diode drivers, and it can be
used with the ML2721 for extended range capability.
The ML2721 contains a proprietary low IF receiver with
all channel selectivity. An image reject mixer brings the
915MHz RF signal down to a low IF frequency of
1.024MHz. Then all IF filtering, IF gain, and
demodulation is performed at 1.024MHz. This provides all
the benefits of direct conversion to baseband and
minimizes the need for RF filtering. Also, the ML2721 can
operate with either a low cost LC filter or a SAW filter.
A single 1.83GHz synthesizer is used for both the receiver
LO and the transmitter. The ML2721 transmitter modulates
the VCO with filtered data, and a driver amplifier
provides typically 0dBm at 915MHz. The VCO and PLL
incorporate the resonator, the active devices, and the
tuning circuitry for a completely integrated function. An
internal post detection filter and data slicer are also
included.
The ML2721 contains its own DC regulation which allows
the IC to operate over a wide power supply voltage range.
It also has a simple baseband interface for transmit power
management, PLL control and detection, and RSSI
(Receiver Signal Strength Indication).
n Single chip 900MHz Radio Transceiver
n Fully integrated filters for all IF, FM discriminator and
data filtering
n Image reject mixer & proprietary Low IF architecture
reduce the need for RF filtering
n Integrated 1.83GHz frequency synthesizer with internal
VCO resonator
n TX/RX calibration for max power transmission
n Modulation compensation for improved sensitivity
performance
n PLL Programmed via 3-wire interface
n DC regulation for 2.7V to 5.0V operation (IC
performance is reduced from 2.7V to 3.2V)
n PLL lock detect output
n Analog Received Signal Strength Indication (RSSI)
output to baseband IC
n Easily upgradable for extended range with ML2751
GENERAL DESCRIPTION
ML2721 Low IF Digital Cordless Transceiver
FEATURES
APPLICATIONS
n 900MHz DSSS cordless phones
n 900 to 930MHz radio transceivers with ranges from 10
feet to 1000 feet and data rates to 1.5Mbps
n Single IC 900MHz low power radio
n FCC Part 15 compliant radio links
n Portable computer/PDA
n TDD and TDMA radios
PRELIMINARY


Similar Part No. - ML2721

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
96Kb / 2P
900MHz DSSS RF to Digital Transceiver Chipset
ML2721-1 MICRO-LINEAR-ML2721-1 Datasheet
96Kb / 2P
900MHz DSSS RF to Digital Transceiver Chipset
More results

Similar Description - ML2721

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8002 NEC-UPC8002 Datasheet
211Kb / 32P
SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
logo
NXP Semiconductors
SA647 PHILIPS-SA647 Datasheet
123Kb / 14P
Low-voltage digital IF receiver
1998 Aug 10
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Rohm
BA4116FV ROHM-BA4116FV Datasheet
193Kb / 11P
FM IF detector for cordless phones
logo
Sony Corporation
CXA1744AR SONY-CXA1744AR Datasheet
340Kb / 18P
IF Amplifier for Digital Cordless Telephone
logo
Ericsson
PBL40215 ERICSSON-PBL40215 Datasheet
214Kb / 22P
RF Transceiver circuit for the Digital Enhanced Cordless Telecommunications (DECT) system
logo
Toshiba Semiconductor
TA31180FNG TOSHIBA-TA31180FNG Datasheet
506Kb / 15P
FILTERLESS IF DETECTOR IC FOR CORDLESS TELEPHONE
TA31188FNG TOSHIBA-TA31188FNG Datasheet
496Kb / 15P
FILTERLESS IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Agamem Microelectronic ...
AA32416 AGAMEM-AA32416 Datasheet
418Kb / 9P
FM IF DETECTOR FOR CORDLESS PHONES
logo
Rohm
BA4116FV-E2 ROHM-BA4116FV-E2 Datasheet
209Kb / 12P
FM IF detector for cordless phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com