Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 17Page - Micro Linear Corporation ML2721 Datasheet HTML 18Page - Micro Linear Corporation ML2721 Datasheet HTML 19Page - Micro Linear Corporation ML2721 Datasheet HTML 20Page - Micro Linear Corporation ML2721 Datasheet HTML 21Page - Micro Linear Corporation ML2721 Datasheet HTML 22Page - Micro Linear Corporation ML2721 Datasheet HTML 23Page - Micro Linear Corporation ML2721 Datasheet HTML 24Page - Micro Linear Corporation ML2721 Datasheet HTML 25Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ML2721
21
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
L
C
X
Re
d
o
M
L
L
P
e
v
i
e
c
e
R
0p
o
o
l
n
e
p
o
L
L
P
1p
o
o
l
d
e
s
o
l
c
L
L
P
Table 16. PLL Mode in Normal Receive Operation
L
O
Lt
i
m
s
n
a
r
T
r
o
f
t
f
i
h
S
O
Le
v
i
e
c
e
R
r
o
f
t
f
i
h
S
O
L
00
z
H
M
4
2
0
.
1
+
1z
H
M
4
2
0
.
1
+0
Table 15. Reference Frequency Select
P
P
Qy
t
i
r
a
l
o
P
p
m
u
P
e
g
r
a
h
C
L
L
P
0
.
e
c
n
e
r
e
f
e
r
y
c
n
e
u
q
e
r
f
>
l
a
n
g
i
s
y
c
n
e
u
q
e
r
F
.
t
n
e
r
r
u
c
s
k
n
i
s
p
m
u
p
e
g
r
a
h
C
1
.
e
c
n
e
r
e
f
e
r
y
c
n
e
u
q
e
r
f
>
l
a
n
g
i
s
y
c
n
e
u
q
e
r
F
.
t
n
e
r
r
u
c
s
e
c
r
u
o
s
p
m
u
p
e
g
r
a
h
C
Table 17. PLL Charge Pump Polarity
CONTROL INTERFACES AND REGISTER DESCRIPTION (continued)
RES (Reserved) All 4 Registers
These bits are reserved. Clear these bits to 0 (zero) for
normal operation. When power is reset all of the registers’
data fields are cleared to 0 (zero).
RD0 Register #0 Only
Reference Divide Bit Zero. This bit sets the reference
division of the PLL to either 6 or 12. See Table 15.
RXCL Register #0 Only
Receive Closed Loop Bit. This bit is used in Receive mode
to put the PLL into either open loop or closed loop. See
Table 16.
TMODE Register #2 Only
This bit is used to activate the automatic filter alignment
circuitry. For normal operations this bit must be cleared to
0 (zero).
QPP Register #0 Only
This bit sets the charge pump polarity to sink or source
current. For a majority of applications this bit is cleared
(QPP = 0). For applications where an external amplifier is
in the loop filter the bit is set to 1 to change the charge
pump polarity. See Table 17.
REGISTER CONFIGURATIONS AT POWER UP (DEFAULT)
All register values are cleared to 0 (zero). Power up is
defined as occurring when VDD
³2.0V.
The register default values are valid 1ns after power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com