Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 19 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 19 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 15Page - Micro Linear Corporation ML2721 Datasheet HTML 16Page - Micro Linear Corporation ML2721 Datasheet HTML 17Page - Micro Linear Corporation ML2721 Datasheet HTML 18Page - Micro Linear Corporation ML2721 Datasheet HTML 19Page - Micro Linear Corporation ML2721 Datasheet HTML 20Page - Micro Linear Corporation ML2721 Datasheet HTML 21Page - Micro Linear Corporation ML2721 Datasheet HTML 22Page - Micro Linear Corporation ML2721 Datasheet HTML 23Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
ML2721
19
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
Table 9C. Register 2 — Filter Tuning Select and Test Mode Register
t
i
B
a
t
a
De
m
a
Nn
o
i
t
p
i
r
c
s
e
De
s
U
3
1
B
D
/
)
B
S
M
(
5
1
BE
D
O
M
Tt
i
B
t
c
e
l
e
S
r
e
t
l
i
f
e
n
u
Tn
o
i
t
a
r
e
p
O
l
a
m
r
o
N
r
o
f
0
o
t
E
D
O
M
T
t
e
S
2
1
B
D
/
4
1
Bd
e
v
r
e
s
e
R
)
o
r
e
z
(
0
o
t
s
t
i
B
l
l
A
t
e
S
1
1
B
D
/
3
1
Bd
e
v
r
e
s
e
R
0
1
B
D
/
2
1
Bd
e
v
r
e
s
e
R
9
B
D
/
1
1
Bd
e
v
r
e
s
e
R
8
B
D
/
0
1
Bd
e
v
r
e
s
e
R
7
B
D
/
9
Bd
e
v
r
e
s
e
R
6
B
D
/
8
Bd
e
v
r
e
s
e
R
5
B
D
/
7
B2
M
T
D
s
t
i
B
l
o
r
t
n
o
C
t
s
e
T
l
a
t
i
g
i
D3
1
e
l
b
a
T
e
e
S
4
B
D
/
6
B1
M
T
D
3
B
D
/
5
B0
M
T
D
2
B
D
/
4
B2
M
T
A
s
t
i
B
l
o
r
t
n
o
C
t
s
e
T
g
o
l
a
n
A2
1
e
l
b
a
T
e
e
S
1
B
D
/
3
B1
M
T
A
0
B
D
/
2
B0
M
T
A
1
B
D
A
/
1
B1
R
D
At
i
B
s
e
e
r
d
d
A
B
S
M1
=
1
R
D
A
0
B
D
A
/
)
B
S
L
(
0
B0
R
D
At
i
B
s
e
e
r
d
d
A
B
S
L0
=
0
R
D
A
Figure 9. Serial Bus Timing for Address and Data Programming
CLK
tS
DATA
LSB
EN
tR
tF
tH
tW
tCK
tSE
tD
MSB
DB13
DB11
DB0
ADR1
ADR0
DB12
ADDRESS DATA (2 BITS)
REGISTER DATA (14 BITS)
CONTROL INTERFACES AND REGISTER DESCRIPTION (continued)
Serial Interface
Data and clock signals are ignored when EN is high.
When EN is low data on the DATA pin is clocked into a
shift register by rising edges on the CLK pin. The
information is latched when EN goes high. This serial
interface bus is similar to that commonly found on PLL
devices. It can be efficiently programmed by either byte
or 16-bit word oriented serial bus hardware. The data
latches are implemented in static CMOS and use minimal
power when the bus is inactive. Figure 9 and Table 10
provide timing and register programming illustrations.
Table 10. 3-Wire Bus Timing Characteristics
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P)
s
n
(
e
m
i
T
t
R
e
m
i
t
e
s
i
r
t
u
p
n
i
k
c
o
l
C5
1
t
F
5
1
t
K
C
0
5
>
t
W
h
t
d
i
w
e
s
l
u
p
m
u
m
i
n
i
M0
0
0
2
t
D
5
1
>
t
E
S
5
1
>
t
S
5
1
>
t
H
e
m
i
t
d
l
o
h
k
c
o
l
c
-
o
t
-
a
t
a
D5
1
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com