Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 49 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 45Page - ON Semiconductor AX5243 Datasheet HTML 46Page - ON Semiconductor AX5243 Datasheet HTML 47Page - ON Semiconductor AX5243 Datasheet HTML 48Page - ON Semiconductor AX5243 Datasheet HTML 49Page - ON Semiconductor AX5243 Datasheet HTML 50Page - ON Semiconductor AX5243 Datasheet HTML 51Page - ON Semiconductor AX5243 Datasheet HTML 52Page - ON Semiconductor AX5243 Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
49
136 PHASEGAIN1
RW R
11––0011 FILTERIDX1(1:0)
–
–
PHASEGAIN1(3:0)
Filter Index, Phase Gain
137 FREQGAINA1
RW R
00001111 FREQ LIM1
FREQ
MODULO1
FREQ
HALFMOD
1
FREQ AMPL
GATE1
FREQGAINA1(3:0)
Frequency Gain A
138 FREQGAINB1
RW R
00–11111 FREQ FREEZE1
FREQ
AVG1
–
FREQGAINB1(4:0)
Frequency Gain B
139 FREQGAINC1
RW R
–––01011 –
–
–
FREQGAINC1(4:0)
Frequency Gain C
13A FREQGAIND1
RW R
0––01011 RFFREQ FREEZE1
–
–
FREQGAIND1(4:0)
Frequency Gain D
13B AMPLGAIN1
RW R
01––0110 AMPL AVG1
AMPL1
AGC1
–
–
AMPLGAIN1(3:0)
Amplitude Gain
13C FREQDEV11
RW R
––––0000 –
–
–
–
FREQDEV1(11:8)
Receiver Frequency Deviation
13D FREQDEV01
RW R
00100000 FREQDEV1(7:0)
Receiver Frequency Deviation
13E FOURFSK1
RW R
–––11000 –
–
–
DEV
UPDATE1
DEVDECAY1(3:0)
Four FSK Control
13F BBOFFSRES1
RW R
10001000 RESINTB1(3:0)
RESINTA1(3:0)
Baseband Offset Compensation
Resistors
Receiver Parameter Set 2
140 AGCGAIN2
RW R
11111111 AGCDECAY2(3:0)
AGCATTACK2(3:0)
AGC Speed
141 AGCTARGET2
RW R
01110110 AGCTARGET2(7:0)
AGC Target
142 AGCAHYST2
RW R
–––––000 -
AGCAHYST2(2:0)
AGC Digital Threshold Range
143 AGCMINMAX2
RW R
–000–000 -
AGCMAXDA2(2:0)
-
AGCMINDA2(2:0)
AGC Digital Min/Max Set Points
144 TIMEGAIN2
RW R
11110101 TIMEGAIN2M
TIMEGAIN2E
Timing Gain
145 DRGAIN2
RW R
11110000 DRGAIN2M
DRGAIN2E
Data Rate Gain
146 PHASEGAIN2
RW R
11––0011 FILTERIDX2(1:0)
–
–
PHASEGAIN2(3:0)
Filter Index, Phase Gain
147 FREQGAINA2
RW R
00001111 FREQ LIM2
FREQ
MODULO2
FREQ
HALFMOD
2
FREQ AMPL
GATE2
FREQGAINA2(3:0)
Frequency Gain A
148 FREQGAINB2
RW R
00–11111 FREQ FREEZE2
FREQ
AVG2
–
FREQGAINB2(4:0)
Frequency Gain B
149 FREQGAINC2
RW R
–––01101 –
–
–
FREQGAINC2(4:0)
Frequency Gain C
14A FREQGAIND2
RW R
0––01101 RFFREQ FREEZE2
–
–
FREQGAIND2(4:0)
Frequency Gain D
14B AMPLGAIN2
RW R
01––0110 AMPL AVG2
AMPL
AGC2
–
–
AMPLGAIN2(3:0)
Amplitude Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com