Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 14Page - ON Semiconductor AX5243 Datasheet HTML 15Page - ON Semiconductor AX5243 Datasheet HTML 16Page - ON Semiconductor AX5243 Datasheet HTML 17Page - ON Semiconductor AX5243 Datasheet HTML 18Page - ON Semiconductor AX5243 Datasheet HTML 19Page - ON Semiconductor AX5243 Datasheet HTML 20Page - ON Semiconductor AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Specifications
www.onsemi.com
AX5243
18
Transmitter
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
SBR
Signal bit rate
0.1
125
kbps
PTX
Transmitter power @ 868 MHz
Differential PA, 50  single
ended measurement at an
SMA connector behind the
matching network, Note 2
-10
16
dBm
Transmitter power @ 433 MHz
-10
16
Transmitter power @ 169 MHz
-10
16
PTX868-step
Programming step size output
power
Note 1
0.5
dB
dPTXtemp
Transmitter power variation
vs. temperature
-40 °C to +85 °C
Note 2
+/- 0.5
dB
dPTXVdd
Transmitter power variation
vs. VDD_IO
1.8 V to 3.6 V
Note 2
+/- 0.5
dB
Padj
Adjacent channel power
GFSK BT=0.5,
500 Hz deviation, 1.2kbps,
25 kHz channel spacing, 10
kHz channel BW
868 MHz
-44
dBc
433 MHz
-51
PTX868-harm2
Emission @ 2nd harmonic
868 MHz, Note 2
-40
dBc
PTX868-harm3
Emission @ 3rd harmonic
-60
PTX433-harm2
Emission @ 2nd harmonic
433 MHz, Note 2
-40
dBc
PTX433-harm3
Emission @ 3rd harmonic
-40
Notes
1.
max
12
1
2
P
B
TXPWRCOEFF
P
out
2.
50  single ended measurements at an SMA connector behind the matching network. For recommended matching networks see section
7: Application Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com