Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 44 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 40Page - ON Semiconductor AX5243 Datasheet HTML 41Page - ON Semiconductor AX5243 Datasheet HTML 42Page - ON Semiconductor AX5243 Datasheet HTML 43Page - ON Semiconductor AX5243 Datasheet HTML 44Page - ON Semiconductor AX5243 Datasheet HTML 45Page - ON Semiconductor AX5243 Datasheet HTML 46Page - ON Semiconductor AX5243 Datasheet HTML 47Page - ON Semiconductor AX5243 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
44
SPEED
011 ENCODING
RW R
–––00010 –
–
–
ENC
NOSYNC
ENC MANCH
ENC SCRAM
ENC DIFF
ENC INV Encoder/Decoder Settings
012 FRAMING
RW R
–0000000 FRMRX
CRCMODE(2:0)
FRMMODE(2:0)
FABORT Framing settings
014 CRCINIT3
RW R
11111111 CRCINIT(31:24)
CRC Initialisation Data
015 CRCINIT2
RW R
11111111 CRCINIT(23:16)
CRC Initialisation Data
016 CRCINIT1
RW R
11111111 CRCINIT(15:8)
CRC Initialisation Data
017 CRCINIT0
RW R
11111111 CRCINIT(7:0)
CRC Initialisation Data
Forward Error Correction
018 FEC
RW R
00000000 SHORT MEM
RSTVI
TERBI
FEC NEG
FEC POS
FECINPSHIFT(2:0)
FEC ENA FEC (Viterbi) Configuration
019 FECSYNC
RW R
01100010 FECSYNC(7:0)
Interleaver Synchronisation Threshold
01A FECSTATUS
R
R
–––––––– FEC INV
MAXMETRIC(6:0)
FEC Status
Status
01C RADIOSTATE
R
–
––––0000 –
–
–
–
RADIOSTATE(3:0)
Radio Controller State
01D XTALSTATUS
R
R
–––––––– –
–
–
–
–
–
–
XTAL
RUN
Crystal Oscillator Status
Pin Configuration
020 PINSTATE
R
R
–––––––– –
–
PS PWR
AMP
PS ANT SEL PS IRQ
PS DATA
PS DCLK
PS SYS
CLK
Pinstate
021 PINFUNCSYSCLK
RW R
0––01000 PU SYSCLK
–
–
PFSYSCLK(4:0)
SYSCLK Pin Function
022 PINFUNCDCLK
RW R
00–––100 PU DCLK
PI DCLK
–
–
–
PFDCLK(2:0)
DCLK Pin Function
023 PINFUNCDATA
RW R
10–––111 PU DATA
PI DATA
–
–
–
PFDATA(2:0)
DATA Pin Function
024 PINFUNCIRQ
RW R
00–––011 PU IRQ
PI IRQ
–
–
–
PFIRQ(2:0)
IRQ Pin Function
026 PINFUNCTCXO_EN
RW R
00––0110 PU TCXO_EN
PI
TCXO_EN –
–
TCXO_EN (3:0)
TCXO_EN Pin Function
027 PWRAMP
RW R
–––––––0 –
–
–
–
–
–
–
PWRAMP PWRAMP Control
FIFO
028 FIFOSTAT
R
R
0––––––– FIFO AUTO COMMIT
–
FIFO FREE
THR
FIFO CNT
THR
FIFO OVER
FIFO UNDER
FIFO FULL
FIFO
EMPTY
FIFO Control
W R
FIFOCMD(5:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com