Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 45 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 41Page - ON Semiconductor AX5243 Datasheet HTML 42Page - ON Semiconductor AX5243 Datasheet HTML 43Page - ON Semiconductor AX5243 Datasheet HTML 44Page - ON Semiconductor AX5243 Datasheet HTML 45Page - ON Semiconductor AX5243 Datasheet HTML 46Page - ON Semiconductor AX5243 Datasheet HTML 47Page - ON Semiconductor AX5243 Datasheet HTML 48Page - ON Semiconductor AX5243 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
Register Bank Description
www.onsemi.com
AX5243
45
029 FIFODATA
RW
–––––––– FIFODATA(7:0)
FIFO Data
02A FIFOCOUNT1
R
R
–––––––0 –
–
–
–
–
–
–
FIFO
COUNT(
8)
Number of Words currently in FIFO
02B FIFOCOUNT0
R
R
00000000 FIFOCOUNT(7:0)
Number of Words currently in FIFO
02C FIFOFREE1
R
R
–––––––1 –
–
–
–
–
–
–
FIFO
FREE(8)
Number of Words that can be written
to FIFO
02D FIFOFREE0
R
R
00000000 FIFOFREE(7:0)
Number of Words that can be written
to FIFO
02E FIFOTHRESH1
RW R
–––––––0 –
–
–
–
–
–
–
FIFO
THRESH
(8)
FIFO Threshold
02F FIFOTHRESH0
RW R
00000000 FIFOTHRESH(7:0)
FIFO Threshold
Synthesizer
030 PLLLOOP
RW R
0–––1001 FREQB
–
–
–
DIRECT
FILT EN
FLT(1:0)
PLL Loop Filter Settings
031 PLLCPI
RW R
00001000 PLLCPI
PLL Charge Pump Current (Boosted)
032 PLLVCODIV
RW R
–000–000 –
VCOI MAN VCO2INT VCOSEL
–
RFDIV
REFDIV(1:0)
PLL Divider Settings
033 PLLRANGINGA
RW R
00001000 STICKY LOCK
PLL LOCK RNGERR
RNG START VCORA(3:0)
PLL Autoranging
034 FREQA3
RW R
00111001 FREQA(31:24)
Synthesizer Frequency
035 FREQA2
RW R
00110100 FREQA(23:16)
Synthesizer Frequency
036 FREQA1
RW R
11001100 FREQA(15:8)
Synthesizer Frequency
037 FREQA0
RW R
11001101 FREQA(7:0)
Synthesizer Frequency
038 PLLLOOPBOOST
RW R
0–––1011 FREQB
–
–
–
DIRECT
FILT EN
FLT(1:0)
PLL Loop Filter Settings (Boosted)
039 PLLCPIBOOST
RW R
11001000 PLLCPI
PLL Charge Pump Current
03B PLLRANGINGB
RW R
00001000 STICKY LOCK
PLL LOCK RNGERR
RNG START VCORB(3:0)
PLL Autoranging
03C FREQB3
RW R
00111001 FREQB(31:24)
Synthesizer Frequency
03D FREQB2
RW R
00110100 FREQB(23:16)
Synthesizer Frequency
03E FREQB1
RW R
11001100 FREQB(15:8)
Synthesizer Frequency
03F FREQB0
RW R
11001101 FREQB(7:0)
Synthesizer Frequency
Signal Strength
040 RSSI
R
R
–––––––– RSSI(7:0)
Received Signal Strength Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com