Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 9Page - ON Semiconductor AX5243 Datasheet HTML 10Page - ON Semiconductor AX5243 Datasheet HTML 11Page - ON Semiconductor AX5243 Datasheet HTML 12Page - ON Semiconductor AX5243 Datasheet HTML 13Page - ON Semiconductor AX5243 Datasheet HTML 14Page - ON Semiconductor AX5243 Datasheet HTML 15Page - ON Semiconductor AX5243 Datasheet HTML 16Page - ON Semiconductor AX5243 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Specifications
www.onsemi.com
AX5243
13
Logic
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Digital Inputs
VT+
Schmitt trigger low to high
threshold point
1.9
V
VT-
Schmitt trigger high to low
threshold point
1.2
V
VIL
Input voltage, low
0.8
V
VIH
Input voltage, high
2.0
V
IL
Input leakage current
-10
10
μA
Rpullup
Pull-up resistors
Pins SYSCLK, IRQ, TCXO_EN
Pull-ups enabled
in the relevant
pin configuration
registers
65
kΩ
Digital Outputs
IOH
Output Current, high
VDD_IO=3 V
VOH= 2.4 V
4
mA
IOL
Output Current, low
VDD_IO=3 V
VOL= 0.4 V
4
mA
IOZ
Tri-state output leakage current
-10
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com