Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 4 Page - ON Semiconductor

  AX5243 Datasheet HTML 1Page - ON Semiconductor AX5243 Datasheet HTML 2Page - ON Semiconductor AX5243 Datasheet HTML 3Page - ON Semiconductor AX5243 Datasheet HTML 4Page - ON Semiconductor AX5243 Datasheet HTML 5Page - ON Semiconductor AX5243 Datasheet HTML 6Page - ON Semiconductor AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Table of Contents
www.onsemi.com
AX5243
4
Match to 50 Ohm for the antenna pins (868/915/433/169 MHz RX/TX operation) .55
Using a Dipole Antenna and the internal TX/RX Switch ......................................56
Using a single-ended Antenna and the internal TX/RX Switch .............................57
Using an external VCO inductor ......................................................................58
Using an external VCO...................................................................................59
Using a TCXO ...............................................................................................60
8. QFN28 Package Information ..................................................................... 61
8.1. Package Outline QFN20 4 mm x 4 mm ............................................................61
8.2. QFN28 Soldering Profile.................................................................................62
8.3. QFN28 Recommended Pad Layout ..................................................................63
8.4. Assembly Process .........................................................................................63
Stencil Design & Solder Paste Application.........................................................63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com