Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 7Page - ON Semiconductor AX5243 Datasheet HTML 8Page - ON Semiconductor AX5243 Datasheet HTML 9Page - ON Semiconductor AX5243 Datasheet HTML 10Page - ON Semiconductor AX5243 Datasheet HTML 11Page - ON Semiconductor AX5243 Datasheet HTML 12Page - ON Semiconductor AX5243 Datasheet HTML 13Page - ON Semiconductor AX5243 Datasheet HTML 14Page - ON Semiconductor AX5243 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Specifications
www.onsemi.com
AX5243
11
4.2.
DC Characteristics
Supplies
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
TAMB
Operational ambient
temperature
-40
27
85
°C
VDD_IO
I/O and voltage regulator
supply voltage
1.8
3.0
3.6
V
VBOUT
Brown-out threshold
Note 1
1.3
V
IDSLEEP
Deep-sleep current:
All analog and digital functions
are powered down
PWRMODE=0x01
50
nA
IPDOWN
Power-down current:
Register file contents
preserved
PWRMODE=0x00
400
nA
IWOR
Wakeup-on-radio mode:
Low power timer and WOR
state-machine are running at
640 Hz
PWRMODE=0x0B
500
nA
ISTANDBY
Standby-current:
All power domains are
powered up, crystal oscillator
and references are running.
PWRMODE=0x05
230
μA
IRX
Current consumption RX
PWRMODE=0x09
RF Frequency Subsystem:
internal VCO and internal
loop-filter
868 MHz, datarate 6 kbps
9.5
mA
169 MHz, datarate 6 kbps
6.5
868 MHz, datarate 100 kbps
11
169 MHz, datarate 100 kbps
7.5
ITX-DIFF
Current consumption TX
868 MHz, 16 dBm, FSK, Note 2,
RF Frequency Subsystem:
Internal VCO and loop-filter
48
mA
Notes:
1. Digital circuitry is functional down to typically 1 V.
2. Measured with optimized matching networks.
For information on current consumption in complex modes of operation tailored to your
application, see the software AX-RadioLab for AX5243.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com