Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 29 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 25Page - ON Semiconductor AX5243 Datasheet HTML 26Page - ON Semiconductor AX5243 Datasheet HTML 27Page - ON Semiconductor AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
29
It is also possible to use a fully external VCO by setting bits VCO2INT=0 and VCOSEL=1
in the
PLLVCODIV register. A differential input at a frequency of double the desired RF
frequency must be input at device pins L1 and L2. The control voltage for the VCO can
be output at device pin FILT when using external filter mode. The voltage range of this
output pin is 0 – 1.8 V.
This mode of operation is recommended for special applications where the phase noise
requirements are not met when using the fully internal VCO or the internal VCO with
external inductor.
VCO Auto-Ranging
The AX5243 has an integrated auto-ranging function, which allows to set the correct
VCO range for specific frequency generation subsystem settings automatically. Typically
it has to be executed after power-up. The function is initiated by setting the RNG_START
bit in the
PLLRANGINGA or PLLRANGINGB register. The bit is readable and a 0 indicates
the end of the ranging process. Setting RNG_START in the
PLLRANGINGA register
ranges the frequency in
FREQA, while setting RNG_START in the PLLRANGINGB register
ranges the frequency in
FREQB. The RNGERR bit indicates the correct execution of the
auto-ranging.
VCO auto-ranging works with the fully integrated VCO and with the internal VCO with
external inductor.
Loop Filter and Charge Pump
The AX5243 internal loop filter configuration together with the charge pump current
sets the synthesizer loop band width. The internal loop-filter has three configurations
that can be programmed via the register bits FLT[1:0] in registers
PLLLOOP or
PLLLOOPBOOST the charge pump current can be programmed using register bits
PLLCPI[7:0] in registers
PLLCPI or PLLCPIBOOST. Synthesizer bandwidths are typically 50
- 500 kHz depending on the
PLLLOOP or PLLLOOPBOOST settings, for details see the
section 4.3: AC Characteristics.
The AX5243 can be setup in such a way that when the synthesizer is started, the
settings in the registers
PLLLOOPBOOST and PLLCPIBOOST are applied first for a
programmable duration before reverting to the settings in
PLLLOOP and PLLCPI. This
feature enables automated fastest start-up.
Setting bits FLT[1:0]=00 bypasses the internal loop filter and the VCO control voltage is
output to an external loop filter at pin FILT. This mode of operation is recommended for
achieving lower bandwidths than with the internal loop filter and for usage with a fully
external VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com