Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor AX5243 Datasheet HTML 37Page - ON Semiconductor AX5243 Datasheet HTML 38Page - ON Semiconductor AX5243 Datasheet HTML 39Page - ON Semiconductor AX5243 Datasheet HTML 40Page - ON Semiconductor AX5243 Datasheet HTML 41Page - ON Semiconductor AX5243 Datasheet HTML 42Page - ON Semiconductor AX5243 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
39
5.16. Serial Peripheral Interface (SPI)
The AX5243 can be programmed via a four wire serial interface according SPI using the
pins CLK, MOSI, MISO and SEL. Registers for setting up the AX5243 are programmed
via the serial peripheral interface in all device modes.
When the interface signal SEL is pulled low, a configuration data stream is expected on
the input signal pin MOSI, which is interpreted as D0...Dx, A0...Ax, R_N/W. Data read
from the interface appears on MISO.
Figure 6 shows a write/read access to the interface. The data stream is built of an
address byte including read/write information and a data byte. Depending on the R_N/W
bit and address bits A[6..0], data D[7..0] can be written via MOSI or read at the pin
MISO. R_N/W = 0 means read mode, R_N/W = 1 means write mode.
Most registers are 8 bits wide and accessed using the waveforms as detailed in Figure 7.
The most important registers are at the beginning of the address space, i.e. at addresses
less than 0x70. These registers can be accessed more efficiently using the short address
form, which is detailed in Figure 6.
Some registers are longer than 8 bits. These registers can be accessed more quickly than
by reading and writing individual 8 bit parts. This is illustrated in Figure 8. Accesses are
not limited by 16 bits either, reading and writing data bytes can be continued as long as
desired. After each byte, the address counter is incremented by one. Also, this access
form works with long addresses.
During the address phase of the access, the AX5243 outputs the most important status
bits. This feature is designed to speed up the software decision on what to do in an
interrupt handler.
The status bits contain the following information:
SPI bit
cell
Status
Meaning / Register Bit
0
-
1 (when transitioning out of deep sleep mode, this bit transitions from 0  1 when
the power becomes ready)
1
S14
PLL LOCK
2
S13
FIFO OVER
3
S12
FIFO UNDER
4
S11
THRESHOLD FREE (
FIFOFREE > FIFOTHRESH)
5
S10
THRESHOLD COUNT (
FIFOCOUNT > FIFOTHRESH)
6
S9
FIFO FULL
7
S8
FIFO EMPTY
8
S7
PWRGOOD (not BROWNOUT)
9
S6
PWR INTERRUPT PENDING
10
S5
RADIO EVENT PENDING
11
S4
XTAL OSCILLATOR RUNNING
12
S3
WAKEUP INTERRUPT PENDING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com