Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5243 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 28Page - ON Semiconductor AX5243 Datasheet HTML 29Page - ON Semiconductor AX5243 Datasheet HTML 30Page - ON Semiconductor AX5243 Datasheet HTML 31Page - ON Semiconductor AX5243 Datasheet HTML 32Page - ON Semiconductor AX5243 Datasheet HTML 33Page - ON Semiconductor AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
32
Registers
Register
Remarks
DECIMATION
This register programs the bandwidth of the digital channel filter.
RXDATARATE2… RXDATARATE0
These registers specify the receiver bit rate, relative to the channel filter
bandwidth.
MAXDROFFSET2…MAXDROFFSET0
These registers specify the maximum possible data rate offset.
MAXRFOFFSET2…MAXRFOFFSET0
These registers specify the maximum possible RF frequency offset.
TIMEGAIN,DRGAIN
These registers specify the aggressiveness of the receiver bit timing
recovery. More aggressive settings allow the receiver to synchronize with
shorter preambles, at the expense of more timing jitter and thus a
higher bit error rate at a given signal-to-noise ratio.
MODULATION
This register selects the modulation to be used by the transmitter and
the receiver, i.e. whether ASK, FSK should be used.
PHASEGAIN, FREQGAINA,
FREQGAINB, FREQGAINC,
FREQGAIND, AMPLGAIN
These registers control the bandwidth of the phase, frequency offset and
amplitude tracking loops.
AGCGAIN
This register controls the AGC (automatic gain control) loop slopes, and
thus the speed of gain adjustments. The faster the bit-rate, the faster
the AGC loop should be.
TXRATE
These registers control the bit rate of the transmitter.
FSKDEV
These registers control the frequency deviation of the transmitter in FSK
mode. The receiver does not explicitly need to know the frequency
deviation, only the channel filter bandwidth has to be set wide enough
for the complete modulation to pass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com