Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 7 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 7 Page - ams AG

Back Button AS3693B Datasheet HTML 3Page - ams AG AS3693B Datasheet HTML 4Page - ams AG AS3693B Datasheet HTML 5Page - ams AG AS3693B Datasheet HTML 6Page - ams AG AS3693B Datasheet HTML 7Page - ams AG AS3693B Datasheet HTML 8Page - ams AG AS3693B Datasheet HTML 9Page - ams AG AS3693B Datasheet HTML 10Page - ams AG AS3693B Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
6 - 32
5.3 Electrical Characteristics
Table 3 – Analog Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
VCURR
Voltage at CURR1 to CURR16
50.0
V
ICURR,
TOL
Current Source Tolerance
-0.5
+0.5
%
Using 250mV reference
@25C TJUNCTION, excluding
variation of external resistors
-1.5
+1.5
%
Using 250mV reference
-20°C to +100°C
(1) T
JUNCTION,
-20°C to +85°C TAMB, excluding
variation of external resistors;
V(CURRx) <= 4.0V
-1.6
+1.6
%
Using DAC reference
VDAC =250mV ( Data = 0x80 )
@25C TJUNCTION, excluding
variation of external resistors
DAC_INL
DAC INL
-4
+4
LSB DAC integral nonlinearity
VC
Automatic Supply Regulation trip
point
0.5
1
V
See section ‘Feedback Circuit
(DCDC_Regulation_Trip_Point)’.
VC,GAIN
Automatic Supply Regulation
gain
2.0
mA/V
Voltage to current ratio; output
current range typ. 0 to 200uA
TOVTEMP
Over temperature Limit
130
140
150
°C
Maximum junction temperature
(2)
Thyst
Over temperature hysteresis
10
°C
CLK
Internal Clock for PWM
400
500
600
KHz Clock for internal PWM generation
Notes:
1, Accuracy at +100°C guaranteed by design and verified by laboratory characterization
2, If the temperature exceeds the over temperature limit, the PWM will be turned off. If the temperature
decreases, the PWM is activated again. The register settings are not reset.
Table 4 – Digital Input pins characteristics (SDI,VSYNC,HSYNC,SCL,CS)
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIH
High Level Input voltage
1.3
VREG
V
VIL
Low Level Input voltage
-0.3
0.4
V
f_SCL
Maximum SCL Frequency
10
MHz
f_HSYNC
Maximum HSYNC Frequency
10
MHz
Output driver is slew rate limited
( Register: Curreg_Control 0x0D )
ts_VH
Vsync setup time before rising
edge of Hsync
15
ns
SYNC-mode:
PWM values are updated with first
rising edge of Hsync while Vsync = 1
( see 7.3.1.1 )
th_VH
Vsync hold time after rising edge
of Hsync
15
ns
ts_SCISCL
Setup time SDI,SCL
15
ns
SPI interface mode
th_SCLSCI
Hold time SCL,SDI
15
ns
SPI interface mode
ts_CSSCL
Setup time CS,SCL
15
ns
SPI interface mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com