Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 18 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 18 Page - ams AG

Back Button AS3693B Datasheet HTML 14Page - ams AG AS3693B Datasheet HTML 15Page - ams AG AS3693B Datasheet HTML 16Page - ams AG AS3693B Datasheet HTML 17Page - ams AG AS3693B Datasheet HTML 18Page - ams AG AS3693B Datasheet HTML 19Page - ams AG AS3693B Datasheet HTML 20Page - ams AG AS3693B Datasheet HTML 21Page - ams AG AS3693B Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
17 - 32
7.4 PWM – high time, period and delay registers
Table 15 – Curreg1-16_DELAY_LSB
Addr: 32h – 50h
CURREGX_DELAY_LSB
Defines delay of the different PWM’s
Bit
Bit Name
Default
Access
Description
7:0
CurregX_DELAY_LSB
R/W
Defines the delay time of the PWM
Table 16 – Curreg1-16_DELAY_MSB
Addr: 32h-51h
CURREGX_DELAY_LSB
Defines delay of the different PWM’s
Bit
Bit Name
Default
Access
Description
3:0
CurregX_DELAY_MSB
0000
R/W
Defines the delay time of the PWM
Table 17– PWM_PERIOD_LSB
Addr: 10h
PWM – Period – LSB
Defines PWM – Periode
Bit
Bit Name
Default
Access
Description
7:0
PWM_PERIOD_LSB
R/W
Defines the period of the PWM
Table 18– PWM_PERIOD_MSB
Addr: 11h
PWM – Period – MSB
Defines PWM – Periode
Bit
Bit Name
Default
Access
Description
3:0
PWM_PERIOD_MSB
0000
R/W
Defines the period of the PWM
Table 19– Curreg1-16_HT_LSB
Addr: 12h-30h
CURREGX_HT_LSB
Defines High Time of PWM
Bit
Bit Name
Default
Access
Description
7:0
Curreg1_HT_LSB
0
R/W
Defines PWM high time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com