Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 3 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 3 Page - ams AG

  AS3693B Datasheet HTML 1Page - ams AG AS3693B Datasheet HTML 2Page - ams AG AS3693B Datasheet HTML 3Page - ams AG AS3693B Datasheet HTML 4Page - ams AG AS3693B Datasheet HTML 5Page - ams AG AS3693B Datasheet HTML 6Page - ams AG AS3693B Datasheet HTML 7Page - ams AG AS3693B Datasheet HTML 8Page - ams AG AS3693B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
2 - 32
4
Block Diagram
SPI / I2C
Interface
Vsupply
AS3693B
V2_5
86 byte
registers
Reference,
DAC
Fault detectors
SMPS
feedback
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
PWM
Typical application
GND
FBB
Vreg
SDI
V2_5
AGND
Power Supply
AS3693B
16 output
SCLK
xCS
SDO
Fault
Rvreg
Hsync
Vsync
Vdcdc
Cfb
V2_5
2.2uF
2.2uF
channels
10uF
ADDR1
ADDR2
( Exposed Pad )
100k
100k
Ref(EXT)
2.2uF
FBG
FBR
Cfb
10uF
Cfb
10uF
Micro
controller
Curr1
Rfb1
Gate1
Curr2
Rfb2
Gate2
Curr15
Rfb15
Gate15
Curr16
Rfb16
Gate16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com