Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 27 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 27 Page - ams AG

Back Button AS3693B Datasheet HTML 23Page - ams AG AS3693B Datasheet HTML 24Page - ams AG AS3693B Datasheet HTML 25Page - ams AG AS3693B Datasheet HTML 26Page - ams AG AS3693B Datasheet HTML 27Page - ams AG AS3693B Datasheet HTML 28Page - ams AG AS3693B Datasheet HTML 29Page - ams AG AS3693B Datasheet HTML 30Page - ams AG AS3693B Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
26 - 32
Name
Addr
Def
ault
B7
b6
b5
B4
b3
b2
b1
b0
Curreg8_DELAY_M
SB
41h
00h
Curreg8_DELAY_ MSB
Curreg9_DELAY_L
SB
42h
00h
Curreg9_DELAY_LSB
Curreg9_DELAY_M
SB
43h
00h
Curreg9_DELAY_ MSB
Curreg10_DELAY_
LSB
44h
00h
Curreg10_DELAY_LSB
Curreg10_DELAY_
MSB
45h
00h
Curreg10_DELAY_ MSB
Curreg11_DELAY_
LSB
46h
00h
Curreg11_DELAY_LSB
Curreg11_DELAY_
MSB
47h
00h
Curreg11_DELAY_ MSB
Curreg12_DELAY_
LSB
48h
00h
Curreg12_DELAY_LSB
Curreg12_DELAY_
MSB
49h
00h
Curreg12_DELAY_MSB
Curreg13_DELAY_
LSB
4Ah
00h
Curreg13_DELAY_LSB
Curreg13_DELAY_
MSB
4Bh
00h
Curreg13_DELAY_MSB
Curreg14_DELAY_
LSB
4Ch
00h
Curreg14_DELAY_LSB
Curreg14_DELAY_
MSB
4Dh
00h
Curreg14_DELAY_MSB
Curreg15_DELAY_
LSB
4Eh
00h
Curreg15_DELAY_LSB
Curreg15_DELAY_
MSB
4Fh
00h
Curreg15_DELAY_MSB
Curreg16_DELAY_
LSB
50h
00h
Curreg16_DELAY_LSB
Curreg16_DELAY_
MSB
51h
00h
Curreg16_DELAY_LSB
Overtemp control
55h
01h
ov_temp
ov_temp
_on
ASIC ID1
5Ch
CAh
1
1
0
0
1
0
1
0
ASIC ID2
5Dh
5Xh
0
1
0
1
REVISION
Revision code:
0x8… initial version November 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com