Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 29 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 29 Page - ams AG

Back Button AS3693B Datasheet HTML 25Page - ams AG AS3693B Datasheet HTML 26Page - ams AG AS3693B Datasheet HTML 27Page - ams AG AS3693B Datasheet HTML 28Page - ams AG AS3693B Datasheet HTML 29Page - ams AG AS3693B Datasheet HTML 30Page - ams AG AS3693B Datasheet HTML 31Page - ams AG AS3693B Datasheet HTML 32Page - ams AG AS3693B Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
28 - 32
Table 5 – Pinlist
Pin
Name
Type
Description
36
CURR_sense9
AIO
Connect to Drain of external Transistor (input for Open and Short led detection)
37
FBR
AIO
Automatic supply regulation for RED led strings; if not
used, leave open
38
VSYNC
DI
Video sync signal , NOTE: Connect to GND in ASYNC MODE
39
HSYNC
DI
Video sync signal or external clock input in ASYNC mode
40
CS
DI
SPI : CS – function, I2C: connect to GND
41
SCL
DI
SPI/ I2C: Serial interface clock input.
42
SDA
DI
SPI/ I2C: Serial interface data I/O.
43
SDO
DO
SPI: digital data output, I2C: leave open
44
FAULT
DO
FAULT PIN, open drain output. Connect pull up resistor to V2_5
45
CURR_sense10
AIO
Connect to Drain of external Transistor (input for Open and Short led detection)
46
GATE10
AIO
Connect to Gate of External Transistor
47
RFB10
AIO
Connect to Source of External Transistor and to Resistor RSET
48
GATE11
AIO
Connect to Gate of External Transistor
49
RFB11
AIO
Connect to Source of External Transistor and to Resistor RSET
50
CURR_sense11
AIO
Connect to Drain of external Transistor (input for Open and Short led detection)
51
GATE12
AIO
Connect to Gate of External Transistor
52
RFB12
AIO
Connect to Source of External Transistor and to Resistor RSET
53
CURR_sense12
AIO
Connect to Drain of external Transistor (input for Open and Short led detection)
54
GATE13
AIO
Connect to Gate of External Transistor
55
RFB13
AIO
Connect to Source of External Transistor and to Resistor RSET
56
CURR_sense13
AIO
Connect to Drain of external Transistor (input for Open and Short led detection)
57
CURR_sense14
AIO
Connect to Drain of external Transistor (input for Open and Short led detection)
58
RFB14
AIO
Connect to Source of External Transistor and to Resistor RSET
59
GATE14
AIO
Connect to Gate of External Transistor
60
CURR_sense15
AIO
Connect to Drain of external Transistor (input for Open and Short led detection)
61
RFB15
AIO
Connect to Source of External Transistor and to Resistor RSET
62
GATE15
AIO
Connect to Gate of External Transistor
63
CURR_sense16
AIO
Connect to Drain of external Transistor (input for Open and Short led detection)
64
RFB16
AIO
Connect to Source of External Transistor and to Resistor RSET
65
(EP)
GND
S
VSS Supply connection; add as many vias to
ground plane as possible.
AIO…Analog pin
DI…Digital input. Protected with clamp to 2.5V
DO…Digital output. Protected with clamp to 2.5V
S… VSS supply
Note: Connect any unused output channel as follows:
- GATEx = open, RFbx = CURR_senseX = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com