Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 26 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 26 Page - ams AG

Back Button AS3693B Datasheet HTML 22Page - ams AG AS3693B Datasheet HTML 23Page - ams AG AS3693B Datasheet HTML 24Page - ams AG AS3693B Datasheet HTML 25Page - ams AG AS3693B Datasheet HTML 26Page - ams AG AS3693B Datasheet HTML 27Page - ams AG AS3693B Datasheet HTML 28Page - ams AG AS3693B Datasheet HTML 29Page - ams AG AS3693B Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
25 - 32
Name
Addr
Def
ault
B7
b6
b5
B4
b3
b2
b1
b0
Curreg8_HT_MSB
21h
00h
Curreg8_HT_ MSB
Curreg9_HT_LSB
22h
00h
Curreg9_HT_LSB
Curreg9_HT_MSB
23h
00h
Curreg9_HT_ MSB
Curreg10_HT_LSB
24h
00h
Curreg10_HT_LSB
Curreg10_HT_MSB
25h
00h
Curreg10_HT_ MSB
Curreg11_HT_LSB
26h
00h
Curreg11_HT_LSB
Curreg11_HT_MSB
27h
00h
Curreg11_HT_ MSB
Curreg12_HT_LSB
28h
00h
Curreg12_HT_LSB
Curreg12_HT_MSB
29h
00h
Curreg12_HT_MSB
Curreg13_HT_LSB
2Ah
00h
Curreg13_HT_LSB
Curreg13_HT_MSB
2Bh
00h
Curreg13_HT_MSB
Curreg14_HT_LSB
2Ch
00h
Curreg14_HT_LSB
Curreg14_HT_MSB
2Dh
00h
Curreg14_HT_MSB
Curreg15_HT_LSB
2Eh
00h
Curreg15_HT_LSB
Curreg15_HT_MSB
2Fh
00h
Curreg15_HT_MSB
Curreg16_HT_LSB
30h
00h
Curreg16_HT_LSB
Curreg16_HT_MSB
31h
00h
Curreg16_HT_MSB
Curreg1_DELAY_L
SB
32h
00h
Curreg1_DELAY_LSB
Curreg1_ DELAY
_MSB
33h
00h
Curreg1_DELAY_MSB
Curreg2_ DELAY
_LSB
34h
00h
Curreg2_DELAY_LSB
Curreg2_ DELAY
_MSB
35h
00h
Curreg2_DELAY_MSB
Curreg3_ DELAY
_LSB
36h
00h
Curreg3_DELAY_LSB
Curreg3_ DELAY
_MSB
37h
00h
Curreg3_DELAY_ MSB
Curreg4_ DELAY
_LSB
38h
00h
Curreg4_DELAY_LSB
Curreg4_ DELAY
_MSB
39h
00h
Curreg4_DELAY_ MSB
Curreg5_DELAY_L
SB
3Ah
00h
Curreg5_DELAY_LSB
Curreg5_DELAY_M
SB
3Bh
00h
Curreg5_DELAY_ MSB
Curreg6_DELAY_L
SB
3Ch
00h
Curreg6_DELAY_LSB
Curreg6_DELAY_M
SB
3Dh
00h
Curreg6_DELAY_ MSB
Curreg7_DELAY_L
SB
3Eh
00h
Curreg7_DELAY_LSB
Curreg7_DELAY_M
SB
3Fh
00h
Curreg7_DELAY_ MSB
Curreg8_DELAY_L
SB
40h
00h
Curreg8_DELAY_LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com