Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 21 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 21 Page - ams AG

Back Button AS3693B Datasheet HTML 17Page - ams AG AS3693B Datasheet HTML 18Page - ams AG AS3693B Datasheet HTML 19Page - ams AG AS3693B Datasheet HTML 20Page - ams AG AS3693B Datasheet HTML 21Page - ams AG AS3693B Datasheet HTML 22Page - ams AG AS3693B Datasheet HTML 23Page - ams AG AS3693B Datasheet HTML 24Page - ams AG AS3693B Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
20 - 32
7.8
Digital interface
The AS3693B can be controlled with two types of interfaces.
7.8.1 I2C interface
7.8.1.1 Feature List
•
Fast-mode capability (max. SCL-frequency is 400 kHz)
•
Write formats:
Single-Byte-Write, Page-Write
•
Read formats:
Current-Address-Read, Random-Read, Sequential-Read
•
SDA input delay and SCL spike filtering by integrated RC-components
7.8.1.2 Transfer Formats
Figure 1 – I
2C Byte-Write:
S
DW
A
WA
A
reg_data
A P
write register,
WA++
S
START condition after STOP
Sr
repeated START
DW
device address for write
DR
device address for read
WA
word address
A
acknowledge
N
no acknowledge
P
stop condition
white field
slave as receiver
grey field
slave as transmitter
WA++
increment word address internally
Figure 2 – I
2C Page-Write:
S
DW
A
WA
A
reg_data 1
A
A
reg_data 2
write register
WA++
P
A
reg_data n
write register
WA++
write register
WA++
…
Byte-Write and Page-Write are used to write data to the slave.
The transmission begins with the START condition, which is generated by the master when the bus is in IDLE
state (the bus is free). The device-write address is followed by the word address. After the word address any
number of data bytes can be send to the slave. The word address is incremented internally, in order to write
subsequent data bytes on subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be done either
with a repeated START condition followed by the device-read address, or simply with a new transmission START
followed by the device-read address, when the bus is in IDLE state. The device-read address is always followed
by the 1
st register byte transmitted from the slave. In Read-Mode any number of subsequent register bytes can
be read from the slave. The word address is incremented internally.
The diagrams below show various read formats available:
Figure 3 – I
2C Random-Read:
A
S
DW
A
WA
A
data
N P
read register
WA++
Sr
DR
WA++
Random-Read and Sequential-Read are combined formats. The repeated START condition is used to change
the direction after the data transfer from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is idle. The
START condition is followed by the device-write address and the word address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com