Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 6 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 6 Page - ams AG

Back Button AS3693B Datasheet HTML 2Page - ams AG AS3693B Datasheet HTML 3Page - ams AG AS3693B Datasheet HTML 4Page - ams AG AS3693B Datasheet HTML 5Page - ams AG AS3693B Datasheet HTML 6Page - ams AG AS3693B Datasheet HTML 7Page - ams AG AS3693B Datasheet HTML 8Page - ams AG AS3693B Datasheet HTML 9Page - ams AG AS3693B Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
5 - 32
5.2 Operating Conditions
Test circuit
Vcurr
V2_5
2.2uF
2.2uF
Vreg
GND
FBB
Vreg
SDI
V2_5
AGND
AS3693B
SCLK
xCS
SDO
Fault
Hsync
Vsync
ADDR1
ADDR2
( Exposed Pad )
Ref(EXT)
FBG
FBR
Curr1
Rfb1
Gate1
Curr2
Rfb2
Gate2
Curr15
Rfb15
Gate15
Curr16
Rfb16
Gate16
Table 2 – Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Note
VDD
Main Supply
Not
Limited
V
Supply is not directly connected to
the AS3693B – see section ‘Shunt
Regulator’
VDDTOL Main Supply Voltage Tolerance
-20
+20
%
Applies only for supply VREG is
connected via Rvdd
VREGINT
Supply (shunt regulated by
AS3693B)
5.0
5.2
5.4
V
If internally (shunt-)regulated by
ZD1
VREGEXT
3
4.5
4.9
V
If externally supplied
VUVL
Untervoltage lockout voltage
2.4
2.7
3
V
If Vreg < UVUL current sources
are turned off
( Addr 0x01,Addr 0x02 = 0x00 )
IVREG
Supply Current (Chip current
consumption)
20
mA
Excluding current through shunt
regulator (ZD1) – see section
‘Shunt Regulator’. Note: Take care
of the Power dissipation of the
external Resistor.
IVREG_M
AX
Maximum Supply current
30
mA
Maximum Current Into VREG –
PIN (Supply current + shunt
regulator current).
IVREG
EXT_OFF
350
uA
Condition: externally supplied
Curr_reg1-16 off (register 01h =
00h, register 02h = 00h)
Igate
Gate driving capability
0.5
1
2
mA
Gate1 – Gate16 output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com