Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 5 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 5 Page - ams AG

  AS3693B Datasheet HTML 1Page - ams AG AS3693B Datasheet HTML 2Page - ams AG AS3693B Datasheet HTML 3Page - ams AG AS3693B Datasheet HTML 4Page - ams AG AS3693B Datasheet HTML 5Page - ams AG AS3693B Datasheet HTML 6Page - ams AG AS3693B Datasheet HTML 7Page - ams AG AS3693B Datasheet HTML 8Page - ams AG AS3693B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
4 - 32
5
Characteristics
5.1 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated in Section 5
Electrical Characteristics is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 1
– Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VDDMAX
Supply for LED’s
-0.3
>50
V
See notes
1
VINVREG
VREG supply voltage
-0.3
7.0
V
Applicable for pin VREG
IINVREG
Maximum Vreg current
100
mA
Maximum Current flowing into
Vreg
VIN2.5V
2.5 V Pins
-0.3
V2_5+0.3V
V
Applicable for 2.5V pins
4
VIN5V
5V Pins
-0.3
VREG+
0.3V
V
Applicable for 5V pins
2
VIN50V
50V Pins
-0.3
55
V
Applicable for CURR1, CURR2,
CURR3 up to CURR16
IIN
Input Pin Current
-25
+25
mA
At 25ºC, Norm: Jedec 17
TSTRG
Storage Temperature Range
-55
150
°C
Humidity
5
85
%
Non condensing
VESD
Electrostatic Discharge on Pins
Curr1 – Curr16
-4000
4000
V
Norm: MIL 883 E Method 3015
VESD
Electrostatic Discharge on all Pins
-2000
2000
V
Norm: MIL 883 E Method 3015
PT
Total Power Dissipation
3.8W
W
At Ta = 25ºC, no airflow for
ePTQFP64 on two layer FR4-Cu
PCB
3
PDERATE
PT Derating Factor
40
mW/
°C
See notes
3
TBODY
Body Temperature during
Soldering
260
°C
according to IPC/JEDEC J-STD-
020C
Notes:
1, As the AS3693B is not directly connected to this supply. Only the parameters VINVREG, VIN5V and
VIN50V have to be guaranteed by the application
2, All pins except CURR1 to CURR16 and 2.5V
3, Copper area > 9 cm², thermal vias
4, 2.5V Pins are Fault, SDO, ADDR1 and ADDR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com