Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3693B Datasheet(PDF) 14 Page - ams AG

Part # AS3693B
Description  16 Channel high precision LED driver for LCD Backlight
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B Datasheet(HTML) 14 Page - ams AG

Back Button AS3693B Datasheet HTML 10Page - ams AG AS3693B Datasheet HTML 11Page - ams AG AS3693B Datasheet HTML 12Page - ams AG AS3693B Datasheet HTML 13Page - ams AG AS3693B Datasheet HTML 14Page - ams AG AS3693B Datasheet HTML 15Page - ams AG AS3693B Datasheet HTML 16Page - ams AG AS3693B Datasheet HTML 17Page - ams AG AS3693B Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AS3693B
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.21 / 2011-09-30
13 - 32
Table 11 –CURREG_CONTROL
Addr: 0dh
Curreg Control
Controls Rise, Fall times and References of the Curreg.
Bit
Bit Name
Default
Access
Description
1:0
Analog Ref Select
00
R/W
Voltage reference for the current regulators can be
chosen with these options.
00 = 250mV reference
01 = external reference
10 = DAC reference
11 = do not use
3:2
SLEW_RATE_CONT
ROL
00
R/W
SLEW – RATE – Control. Adjusts the rise and fall time of
the current switching
00 = typ. 9us
01 = typ. 6us
10 = typ. 3us
11 = typ. 1us
5:4
PWM_LOW_LEVEL
00
R/W
Note: Test bits for internal use only
7
boost mode
0
R/W
Gives +30% current.
only available in internal reference mode.
0,5% VREF 250mV
8Bit DAC
0...500mV
External Reference
AS3693B
Reference Sources
Analog Ref Select
PWM
Curreg
1
2
3-16
Table 12 – Ref_DAC_Voltage
Addr: 0eh
Ref_DAC_Voltage
The Regulation Voltage can be chosen in this register
Bit
Bit Name
Default
Access
Description
7…0
Ref_DAC_Voltage
00
R/W
Reference voltage for current regulators. (Note: If Analog
Ref Select = 10, the regulation voltage can be adjusted
here.
00000000 = 0mV
00000001
…
01111111 = 250 mV
..
11111111= 500mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com