Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 7 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 7 Page - ams AG

Back Button AS3696 Datasheet HTML 3Page - ams AG AS3696 Datasheet HTML 4Page - ams AG AS3696 Datasheet HTML 5Page - ams AG AS3696 Datasheet HTML 6Page - ams AG AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG AS3696 Datasheet HTML 10Page - ams AG AS3696 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
6 - 16
Digital output open drain
4
Detailed Block description
4.1
Current outputs
4.1.1 Precision current sink
All current sinks are built with an internal error amplifier A1 and an external power transistor. The
external transistor should be a NMOS type to keep the current accuracy.
The output current during PWM=1 can be calculated:
in normal mode ( 3D_Mode = 0 )
in 3D mode ( 3D_Mode = 1 )
4.1.2 Output voltage monitoring
In order to monitor the proper DCDC output voltage the voltage at pin “Dx” is measured during PWM=1.
If this voltage is too low a comparator turns on an transconductance amplifier which is able to control the
output voltage of the external power supply via pin FB1 or FB2.
4.1.3 Open LED detection
If a LED-string is broken the voltage at pin Dx gets lower than Vset_int/2. This status is detected and
accumulated by a comparator during PWM=1. If the accumulated status lasts longer than 100ms, a fault
is indicated and the corresponding power feedback function is turned off. After 500ms the fault is reset
and the detection starts again.
For proper detection the PWM high time has to be longer than 500us.
4.1.4 Short LED detection
Shorted LEDs in a LED-string will cause higher voltage at pin “Dx”. A higher voltage during PWM=1 is
detected by a comparator and will trigger a “short LED detection” fault. The duration of the fault is
7V
VDD
GND
Sx
Gx
FBx
Vset_int
Open
Monitor
<20V
Slew
Rate
control
Dx
Short
Monitor
Optional:
A1
200mV - 500mV
50V
Vset2
PWM_int
Rset
Vshort
200mV - 500mV
Vset1
3D_Mode
PWM_int
120k
30k
Vfb
OTA
HV-cascode
auto
turnoff
debounce
100ms
feedback
turnoff
debounce
100ms
VDD
Vset_int/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com