Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 8 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 8 Page - ams AG

Back Button AS3696 Datasheet HTML 4Page - ams AG AS3696 Datasheet HTML 5Page - ams AG AS3696 Datasheet HTML 6Page - ams AG AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG AS3696 Datasheet HTML 10Page - ams AG AS3696 Datasheet HTML 11Page - ams AG AS3696 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
7 - 16
accumulated and if the time exceeds 100ms a fault is indicated and the output is turned off. If the high-
time of the waveform is shorter than 100ms it will take more periods to trigger this fault. After 500ms the
channel is turned on again. A short will be detected if:
((V_Dx -VsetX) /5 + VsetX) > Vshort
For proper detection the PWM high time has to be longer than 500us.
4.2
PWM controller
The PWM controller can operate in normal mode or 3D mode. Depending on the mode different output
currents can be set.
“3D-
Mode”
“SEL”
Mode
Comment
Vref_INT
0
0
Normal
PWM external
External PWM is used as PWM_INT
Vset1
0
1
Normal
PWM internal
PWM-frequency is generated by internal oscillator
PWM-duty cycle is set by voltage on pin “Vduty”
Vduty can either be an external voltage ( PWM=0 )
or can be derived from the PWM signal by filtering
with an ext capacitor
Vset1
1
X
3D mode
3D_PWM12 is used for driving Channels 1 and 2
3D_PWM34 is used for driving Channels 3 and 4
Vset2
4.3
Oscillator
The build in oscillator can be used to generate internal PWM frequencies. The external Capacitor is
charged with the current 1.24V/Rosc and discharged with the current 1.24V*10/Rosc.
3.1 ,
.
,
.
Oscillator
PWM
100k
Vduty
Rosc
Cosc
Sel
PWM_INT Ch1/Ch2
3D_PWM12
3D_PWM34
Vset2
Vset1
PWM_INT Ch3/Ch4
Vref_INT
3D_Mode
Cosc
Cosc
Rosc
Rosc
1.24V
Iosc = 1.24V/Rosc
10*Iosc
1*Iosc
UrefH
UrefL
UrefH
UrefL
3.2V
0.1V
T1
T2
Ud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com