Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 11 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 11 Page - ams AG

Back Button AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG AS3696 Datasheet HTML 10Page - ams AG AS3696 Datasheet HTML 11Page - ams AG AS3696 Datasheet HTML 12Page - ams AG AS3696 Datasheet HTML 13Page - ams AG AS3696 Datasheet HTML 14Page - ams AG AS3696 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
10 - 16
5
Pinout and Packaging
5.1
Pinout QFN32, TQFP32
Pin
Nr
Pin
Name
QFN Package
Pin
Name
TQFP package
Pin
Type
Description
1
D1
D1
AIO
Connect to Drain of external Transistor
2
G1
G1
AIO
Connect to Gate of external Transistor
3
V2_5
V2_5
AIO
Supply output. Connect 2.2uF bypass capacitor to GND
4
Vfb
Vfb
AIO
Trip point voltage for outputs D1 – D4
5
Vduty
Vduty
AIO
Analog duty cycle control input
6
FB12
FB12
AIO
Power supply feedback output1 and output2
7
FB34
FB34
AIO
Power supply feedback output3 and output4
8
Vref
VSS
AIO
Reference voltage output (QFN ), VSS ( TQFP )
9
Vset1
Vset1
AIO
Reference voltage input in normal mode
10
Vset2
Vset2
AIO
Reference voltage input in 3D mode
11
Rosc
Rosc
AIO
Resistor of RC-oscillator
12
Cosc
Cosc
AIO
Capacitor of RC-oscillator
13
PWM
PWM
DI-PD
PWM input
14
3D_Mode
3D_Mode
DI-PD
Mode select input
15
3D_PWM12
3D_PWM12
DI-PD
PWM input in 3D Mode for channel1 and channel2
16
3D_PWM34
3D_PWM34
DI-PD
PWM input in 3D Mode for channel3 and channel4
17
SEL
SEL
DI-PD
PWM input select in normal mode
18
SEL_PPtrim
SEL_PPtrim
DI-PD
Connect to VSS. This pin is used for factory trimming.
19
xFAULT
xFAULT
DO-OD
Fault output. Active low
20
xPD
xPD
DI-PU
Power down input. Active low
21
Vshort
Vshort
AIO
Short LED detection threshold voltage
22
VDD
VDD
AIO
Shunt voltage regulator input.
23
G4
G4
AIO
Connect to Gate of external Transistor
24
D4
D4
AIO
Connect to Drain of external Transistor
25
S4
S4
AIO
Connect to Source of External Transistor and to Resistor RSET
26
S3
S3
AIO
Connect to Source of External Transistor and to Resistor RSET
27
D3
D3
AIO
Connect to Drain of external Transistor
28
G3
G3
AIO
Connect to Gate of external Transistor
29
G2
G2
AIO
Connect to Gate of external Transistor
30
D2
D2
AIO
Connect to Drain of external Transistor
31
S2
S2
AIO
Connect to Source of External Transistor and to Resistor RSET
32
S1
S1
AIO
Connect to Source of External Transistor and to Resistor RSET
EP
VSS
AIO
Exposed PAD. Connect to VSS ( QFN )
5.2
Pinout SOIC28
Pin
Nr
Pin
Name
SOIC Package
Pin
Type
Description
1
G2
AIO
Connect to Gate of external Transistor
2
D2
AIO
Connect to Drain of external Transistor
3
S2
AIO
Connect to Source of External Transistor and to Resistor RSET
4
S1
AIO
Connect to Source of External Transistor and to Resistor RSET
5
D1
AIO
Connect to Drain of external Transistor
6
G1
AIO
Connect to Gate of external Transistor
7
V2_5
AIO
Supply output. Connect 2.2uF bypass capacitor to GND
8
Vfb
AIO
Trip point voltage for outputs D1 – D4
9
FB12
AIO
Power supply feedback output1 and output2
10
FB34
AIO
Power supply feedback output3 and output4
11
Vset1
AIO
Reference voltage input in normal mode
12
Vset2
AIO
Reference voltage input in 3D mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com