Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 4 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 4 Page - ams AG

  AS3696 Datasheet HTML 1Page - ams AG AS3696 Datasheet HTML 2Page - ams AG AS3696 Datasheet HTML 3Page - ams AG AS3696 Datasheet HTML 4Page - ams AG AS3696 Datasheet HTML 5Page - ams AG AS3696 Datasheet HTML 6Page - ams AG AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
3 - 16
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated in
Section “Electrical Characteristics” is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Min
Max
Unit
Note
VDDMAX
Supply voltage
-0.3
5.4
V
Voltage limit due to internal shunt
regulator.
VIN_2.5V
Maximum voltage
-0.3
V2_5
+0.3V
V
Applicable for 2.5V pins
(1)
VIN_5V
Maximum voltage
-0.3
VDD
+0.3V
V
Applicable for 5V pins
(2)
VIN_50V
Maximum voltage
-0.3
50
V
Applicable for 50V pins
(3)
Ilatch
Latch-Up immunity
-100
+100
mA
Norm: EIA/JESD78
TSTRG
Storage Temperature Range
-55
150
°C
Maximum Junction Temperature
Humidity
5
85
%
Non condensing
VESD_LV
Electrostatic Discharge on all pins
( except D1...D4 )
-2000
2000
V
Norm: MIL 883 E Method 3015
Human body model
VESD_HV
Electrostatic Discharge on pins
D1 ... D4
-4000
4000
V
Norm: MIL 883 E Method 3015
Human body model
TBODY
Body Temperature during
Soldering
260
°C
according to IPC/JEDEC J-STD-
020C
Note:
(1) Pins: V2_5, Vfb
(2) Pins: All pins except V2_5, D1-D4, Vfb
(3) Pins: D1 – D4
3.2
Operating Conditions
3.2.1 General
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rthja
Thermal resistance
junction – ambient
QFN32
30
°C/W
PDERATE
PT Derating Factor
QFN32
33
mW/
°C
Tamb
Ambient Temperature
-30
85
°C
Tj
Junction Temperature
-30
115
°C
3.2.2 Power supply
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDint
Supply Voltage VDD
shunt regulator operation
Shunt regulator operation. Supply current has
to be limited between 10mA and 30mA by
external resistor
5.0
5.2
5.5
V
IDDmax
Maximum shunt regulator
current
30
mA
VDDext
Supply Voltage VDD
no shunt regulator operation. No external
current limiting resistor needed
4.0
4.5
4.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com