Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 10 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 10 Page - ams AG

Back Button AS3696 Datasheet HTML 6Page - ams AG AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG AS3696 Datasheet HTML 10Page - ams AG AS3696 Datasheet HTML 11Page - ams AG AS3696 Datasheet HTML 12Page - ams AG AS3696 Datasheet HTML 13Page - ams AG AS3696 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
9 - 16
4.6
Reference circuit
The reference circuit generates an internal supply voltage of 2.5V for the digital logic.
4.7
Dynamic feedback control
The output of pins “FB12” and “FB34” can be used to control any external power supply for best power efficiency.
Every power supply senses its output voltage with a resistive voltage divider. This voltage divider can be modified
to set the output voltage between a minimum output voltage VMIN and a maximum output voltage VMAX. The
design of the dynamic feedback control is done in 3 steps.
Step 1: Set the resistors R1,R2 in the power supply according to the minimum output voltage
Step 2: Add the Resistors R3 in the power supply according to the maximum output voltage
||
||
Step 3: Connect R3 to the feedback pin “FBxx”.
C1 should be chosen according to the speed requirements of the feedback loop.
The characteristic of the feedback function can be seen in the diagram. The final output voltage of is determined
by the setting of VFB and the current that is drawn from the external voltage divider.
VDD
LDO
2.5V digital supply
V2_5
GND
4.0V to 5.2V analog supply
POR
Temp
Vref
Shunt
Regulator
5.2V
Voltage Ref
R1
R2
SMPS
Vdcdc_MIN
sense
R1
R2
SMPS
Vdcdc_MAX
sense
R3
AS369x
R1
R2
SMPS
Vdcdc_MIN to Vdcdc_MAX
sense
R3
FB
1uF-10uF
Feedback speed
C1
Current
Into
FB-pin
300uA
Voltage Dx
V_FB
-3mA/V
V_FB-0.1v
300R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com