Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 9 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 9 Page - ams AG

Back Button AS3696 Datasheet HTML 5Page - ams AG AS3696 Datasheet HTML 6Page - ams AG AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG AS3696 Datasheet HTML 10Page - ams AG AS3696 Datasheet HTML 11Page - ams AG AS3696 Datasheet HTML 12Page - ams AG AS3696 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
8 - 16
The Oscillator frequency can be calculated:
.
.
.
[Hz]
4.4
Power supply
The device has a build in electronic Zener-diode at pin VDD for building a shunt regulator. To obtain a
5.2V regulated supply, a series resistor Rvdd has to be connected in series to the internal zener diode.
An external capacitor Cvdd is used to filter the supply on the pin VDD.
The external resistor Rvdd has to be calculated according to the following formula:
.
Vsupply...Minimum Supply voltage
Power dissipation of Rvdd;
,
To ensure proper operation the minimum supply voltage should be choosen as Vsupply.
If a stable supply voltage between 4V and 5V is available in the system this supply can also be used for
VDD. In that case there is no need for the series resistor Rvdd.
4.5
Safety features
4.5.1
Temperature shutdown
If the die temperature reaches 140°C all outputs are turned off. If the die temperature goes below 130°C
the outputs are turned on again.
4.5.2
xPD input
In addition to the build in power on reset circuit there is an external power down input “xPD” available.
This gives the possibility to keep the outputs turned off until all blocks of the LED-driver circuits are fully
working ( DCDC, MCU ... )
VDD
Rvdd
Cvdd
Vsupply
GND
Shunt
2.2uF
Regulator
5.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com