Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 5 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 5 Page - ams AG

  AS3696 Datasheet HTML 1Page - ams AG AS3696 Datasheet HTML 2Page - ams AG AS3696 Datasheet HTML 3Page - ams AG AS3696 Datasheet HTML 4Page - ams AG AS3696 Datasheet HTML 5Page - ams AG AS3696 Datasheet HTML 6Page - ams AG AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
4 - 16
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD_POR
Power on reset level
Circuit stays in power down until VDD_POR is
reached. G1 – G4 is pulled to GND during
power down
2.4
3.0
V
IDD_q
Quiescent current
VDD= 5V, Default setting, PWM = 0
1
mA
IDD_r
Supply current
VDD = 5V, PWM = 240Hz, Duty = 50%
2.5
10
mA
V2_5
V2_5 regulator output
2.4
2.5
2.6
V
I2_5
V2_5 output current
1
mA
Vref
Reference voltage
1.24
1.25
1.26
V
Rvref
Output resistance Vref
300
3.2.3 Current outputs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vdx
Output voltage pins Dx
50
V
Rdx
Input resistance in Dx
PWM = 0 U_DX=16V
PWM = 1
1
0.1
M
M
Vgx
Max output voltage pin Gx
Igx = 1mA
VDD-
0.5
VDD
V
Igx
Max output current pin Gx
1
mA
Rsx
Input resistance pin Sx
1
M
Iled_250
Current accuracy
Trimmed during production
ILED =100mA, Temp = 25°C,
external NMOS-Transistor used,
Vset1 = 250mV
(excluding error of external Rset)
-1.0
+1.0
%
Ich_250
Channel to channel
Current accuracy
Trimmed during production
ILED =100mA, Temp = 25°C,
external NMOS-Transistor used,
Vset1 = 250mV
(excluding error of external Rset)
-1.0
+1.0
%
Iled_all
Current accuracy
Tjunction = -20°C to +100°C
Vset1 = 200mV to 500mV
(1)
external NMOS-Transistor used,
(excluding error of external Rset)
-2.0
+2.0
%
Note:
(1) It is not recommended to use Vset < 200mV in order to minimize influences from PCB-layout and
noise.
3.2.4 Feedback circuit, fault detectors
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IFBmax
Feedback current
maximum
300
uA
RFBmin
Minim output resistance
VDx = 0.3V
300
1000
IFB_g
FB transconductance
IFB_g = ∆IFB/ ∆VDx
-3
mA/V
Vfb
Feedback voltage trip
point
Trip voltage at Pins Dx
0
3
V
Vshort
Short LED detector
Voltage
Short LED detection level voltage
Short will be detected if:
((V_Dx -VsetX) /5 + VsetX) > Vshort
0
2
V
Tovtemp
Over temperature limit
130
140
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com