Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 6 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 6 Page - ams AG

Back Button AS3696 Datasheet HTML 2Page - ams AG AS3696 Datasheet HTML 3Page - ams AG AS3696 Datasheet HTML 4Page - ams AG AS3696 Datasheet HTML 5Page - ams AG AS3696 Datasheet HTML 6Page - ams AG AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG AS3696 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
5 - 16
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Thyst
Over termperature
hysteresis
10
°C
3.2.5 PWM-inputs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPWM
PWM-input frequency
Pins: PWM, 3D_PWM12, 3D_PWM34
0
1
kHz
3.2.6 Oscillator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UrefH
Reference Voltage high
3.1
3.2
3.3
V
UrefL
Reference Voltage low
0.0
0.1
0.2
V
3.2.7 Digital pins
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIH
High Level Input voltage
1.3
VDD
V
VIL
Low Level Input voltage
-0.3
0.8
V
VoH
High Level output voltage
VDD-
0.3
V
I=mA
VoL
Low Level output voltage
VDD-
0.3
V
I=mA
VoL_PD
Low level output voltage open
drain outputs
VDD-
0.3
V
I=mA
R_pu
Input resistance PullUp inputs
300
k
R_pd
Input resistance PullDown inputs
300
k
3.3
Pins equivalent circuit
VDD
Digital inputs
Digital inputs Pull up
Digital inputs Pull Down
Digital outputs push/pull
7V
VDD
GND
7V
VDD
GND
7V
VDD
GND
7V
VDD
GND
7V
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com