Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 2 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 2 Page - ams AG

  AS3696 Datasheet HTML 1Page - ams AG AS3696 Datasheet HTML 2Page - ams AG AS3696 Datasheet HTML 3Page - ams AG AS3696 Datasheet HTML 4Page - ams AG AS3696 Datasheet HTML 5Page - ams AG AS3696 Datasheet HTML 6Page - ams AG AS3696 Datasheet HTML 7Page - ams AG AS3696 Datasheet HTML 8Page - ams AG AS3696 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AS3693B
www.austriamicrosystems.com
AS3696
4 channel white LED controller for 3D
General Description
The AS3696 is a 4 channels precision LED controller
with PWM inputs or internal PWM generator for driving
external FETs in LCD-backlight panels. Build in safety
features include thermal shutdown as well as open and
short LED detection.
2x2 Channel LED driver
Output current only limited by external FET
Build in shunt regulator
Absolute current accuracy +/- 1%
Channel to channel accuracy +/
Normal Mode
Linear current control with external voltage
Digital PWM control with PWM
Build in PWM-generator with analog duty cycle
control
3D Mode
Linear current control with external voltage
Digital PWM control with 2
1
Block Diagram
D1
S1
Vsupply
G1
D2
S2
G2
Rosc
Cosc
Vduty
3D_PWM12
3D_PWM34
3D_MODE
xPD
SEL
PWM
austriamicrosystems
Rev 1.10 / 1011-04-04
1 - 16
4 channel white LED controller for 3D-LCD backlight
precision LED controller
inputs or internal PWM generator for driving
backlight panels. Build in safety
features include thermal shutdown as well as open and
Output current only limited by external FET
%
+/- 1%
control with external voltage
Digital PWM control with PWM input
generator with analog duty cycle
control with external voltage
PWM inputs
Product
Open LED detection
Short LED detection and auto
Temperature shutdown
2x automatic supply regulation feedback
Package QFN 32pin 5x5mm
Package TQFP 32pin 7
Package SOIC 28pin
Applications
• LED backlighting for 3D- LCD
AS3696
VDD
V2_5
xFAULT FB12
FB34
EPAD
D3
S3
G3
D4
S4
G4
Reference
SMPS
feedback
Fault detectors
Oscillator
PWM control
Vset2
Vref
Vshort
Vset1
Vfb
VSS
Sel_PPTrim
16
Product specification, Preliminary
Short LED detection and auto-turnoff
Temperature shutdown
2x automatic supply regulation feedback
5x5mm, 0.5mm pitch
7x7mm, 0.8mm pitch
LCD – TV sets and monitors
Vset2
Vref
Vshort
Vset1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com