Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3696 Datasheet(PDF) 16 Page - ams AG

Part # AS3696
Description  4 channel white LED controller for 3D
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3696 Datasheet(HTML) 16 Page - ams AG

Back Button AS3696 Datasheet HTML 9Page - ams AG AS3696 Datasheet HTML 10Page - ams AG AS3696 Datasheet HTML 11Page - ams AG AS3696 Datasheet HTML 12Page - ams AG AS3696 Datasheet HTML 13Page - ams AG AS3696 Datasheet HTML 14Page - ams AG AS3696 Datasheet HTML 15Page - ams AG AS3696 Datasheet HTML 16Page - ams AG AS3696 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AS3696
austriamicrosystems
www.austriamicrosystems.com
Rev 1.10 / 1011-04-04
15 - 16
6
Ordering information
Part Number
Marking
Package Type
Delivery Form
Description
AS3696-ZQFT
AS3696
QFN32
Tape and Reel
in Dry Pack
Package size = 5x5mm, Pitch = 0.5mm,
Pb-free;
AS3696-ZTQT
AS3696
TQFP32
Tape and Reel
in Dry Pack
Package size = 7x7mm, Pitch = 0.8mm,
Pb-free;
AS3696-DSOV
AS3696
SOIC28
Tube
in Dry Pack
Pb-free;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com