Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 16 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 16 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 12Page - ams AG AS5403E-HTST Datasheet HTML 13Page - ams AG AS5403E-HTST Datasheet HTML 14Page - ams AG AS5403E-HTST Datasheet HTML 15Page - ams AG AS5403E-HTST Datasheet HTML 16Page - ams AG AS5403E-HTST Datasheet HTML 17Page - ams AG AS5403E-HTST Datasheet HTML 18Page - ams AG AS5403E-HTST Datasheet HTML 19Page - ams AG AS5403E-HTST Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Functional Description
The AS5403 is manufactured in a CMOS process and uses lateral
and vertical Hall sensor technology for sensing the magnetic
field distribution in all 3D directions. The integrated 3D-Hall
pixels are placed with a pixel pitch of 2.5 mm and deliver a
voltage representation of the magnetic field at the surface of
the IC.
Through Sigma-Delta Analog / Digital Conversion and Digital
Signal-Processing (DSP) algorithms, the AS5403 provides
accurate high-resolution absolute angular position
information. For this purpose a Coordinate Rotation Digital
Computer (CORDIC) calculates the angle and the magnitude.
Signal Processing Path Front
The AS5403 can be configured in different operation modes.
These are absolute (ABS), average (AVG) and differential (DIFF).
The internal calculation scene is changed automatically with
the selected mode.
Figure 16:
Signal Processing Path AS5403A and AS5403D (Bx and Bz)
Note(s) and/or Footnote(s):
1. Yellow
→ Functional block
2. Blue
→ Readable register
3. Green
→ Write/Readable EEPROM parameter
Functional Description
Z0
Z1
X0
X1
MV
1
MV
2
MV
3
MV
4
ABS
AVG
DIFF
ABS
AVG
DIFF
Angle
Calculation
Offset Bi
Gain Bi
Mux
Bi‘
Bj‘
Bj
Bi
Angle
Magnitude
Offset Bj
Gain Bj
Swap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com