Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 30 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 30 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 26Page - ams AG AS5403E-HTST Datasheet HTML 27Page - ams AG AS5403E-HTST Datasheet HTML 28Page - ams AG AS5403E-HTST Datasheet HTML 29Page - ams AG AS5403E-HTST Datasheet HTML 30Page - ams AG AS5403E-HTST Datasheet HTML 31Page - ams AG AS5403E-HTST Datasheet HTML 32Page - ams AG AS5403E-HTST Datasheet HTML 33Page - ams AG AS5403E-HTST Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Programming the AS5403
A standard half duplex UART protocol is used to exchange data
with the device in the communication mode.
UART Interface for Programming
The AS5403 uses a standard UART interface with two bytes for
address and two bytes for the data content. The read or write
mode is selected in the first byte. An even parity for every byte
is included. The timing (baud-rate) is selected by the AS5403
over an initial command from the master. The baud rate register
can be read and overwritten. The keep synchronization it
AS5403 synchronizes art every Start bit. This happens during a
standard write access 3 times. A time out function detects not
complete commands and resets the AS5403 UART after the
timeout period.
Figure 33:
Valid Commands
In case of Write command the request is followed by the frames
containing the data to write.In case of Read command the
communication direction will change and the device will
answer with the frames containing the data requested.
Frame Organization
The UART frame consists of 1 start bit (low level), 8 data bit, 1
even-parity bit and 1 stop bit (high level). Data are transferred
from LSB to MSB.
Figure 34:
General UART Frame
CMD Name
Description
AS5403 Communication Mode
Write
Write data in the EEPROM/ SFR memory
SLAVE
Read
Read data from the EEPROM/ SFR memory
SLAVE/MASTER
Programming the AS5403
D0
D1
D2
D3
D4
D5
D6
D7
par
start
stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com