Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 35 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 35 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 31Page - ams AG AS5403E-HTST Datasheet HTML 32Page - ams AG AS5403E-HTST Datasheet HTML 33Page - ams AG AS5403E-HTST Datasheet HTML 34Page - ams AG AS5403E-HTST Datasheet HTML 35Page - ams AG AS5403E-HTST Datasheet HTML 36Page - ams AG AS5403E-HTST Datasheet HTML 37Page - ams AG AS5403E-HTST Datasheet HTML 38Page - ams AG AS5403E-HTST Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
ams Datasheet
Page 35
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Device Configuration
AS5403 is equipped with a 1kx8 EEPROM memory to store the
factory settings and the customer configuration data. The
device can be configured using the UART or 4wire Serial
Peripheral Interface (SPI).
EEPROM Memory Map
Note(s): Write 0x0000 hex to register address 0x2FF
(START DSP = 0) before a read or write access to EEPROM.
Figure 41:
EEPROM Memory Map
ADDRESS (HEX)
EEPROM Location Name
0x00B
Sequencer Control
0x00F
Magnet Lost threshold and hysteresis
0x019
Offset Bj
0x01A
Gain Bj
0x01E
Gain Bi
0x01F
Offset Bi
0x05F
Linearization table entry 16
0x060
Linearization table entry 0
0x061
Linearization table entry 1
0x062
Linearization table entry 2
0x063
Linearization table entry 3
0x064
Linearization table entry 4
0x065
Linearization table entry 5
0x066
Linearization table entry 6
0x067
Linearization table entry 7
0x068
Linearization Table entry 8
0x069
Linearization table entry 9
0x06A
Linearization table entry 10
0x06B
Linearization table entry 11
0x06C
Linearization table entry 12
0x06D
Linearization table entry 13
0x06E
Linearization table entry 14
0x06F
Linearization table entry 15
0x070
Linearization table entry -16
Device Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com