Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 27 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 27 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 23Page - ams AG AS5403E-HTST Datasheet HTML 24Page - ams AG AS5403E-HTST Datasheet HTML 25Page - ams AG AS5403E-HTST Datasheet HTML 26Page - ams AG AS5403E-HTST Datasheet HTML 27Page - ams AG AS5403E-HTST Datasheet HTML 28Page - ams AG AS5403E-HTST Datasheet HTML 29Page - ams AG AS5403E-HTST Datasheet HTML 30Page - ams AG AS5403E-HTST Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
ams Datasheet
Page 27
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Output Drivers
DSW_POL= 1:
Figure 28:
DSW Characteristic With Positive Polarity
DSW_POL=0:
Figure 29:
DSW Characteristic With Negative Polarity
0
DSWSWPOINT <11:0>
+
Hysteresis
[LSB]
POSITION
OUTPUT VALUE
DSW = 5V
DSW = 0V
4095
0
DSWSWPOINT <11:0>
+
Hysteresis
[LSB]
POSITION
OUTPUT VALUE
DSW = 5V
DSW = 0V
4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com