Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 49 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 49 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 45Page - ams AG AS5403E-HTST Datasheet HTML 46Page - ams AG AS5403E-HTST Datasheet HTML 47Page - ams AG AS5403E-HTST Datasheet HTML 48Page - ams AG AS5403E-HTST Datasheet HTML 49Page - ams AG AS5403E-HTST Datasheet HTML 50Page - ams AG AS5403E-HTST Datasheet HTML 51Page - ams AG AS5403E-HTST Datasheet HTML 52Page - ams AG AS5403E-HTST Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
ams Datasheet
Page 49
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Device Configuration
Figure 68:
Control DSP 0x2FF
Register
Hex
Access
Bit
Function
Note
0x2FF
R/W
D15 (MSB)
Reserved
:
D12
D11
PASS2FUNC
Activation for functional mode of the output.
D10
FREEZE
When CAL_EN=1 it enables the 3D Hall Core for 1
only measurement (automatically cleared at the
end of the measurement). Used For SPI calibration
in communication mode. When CAL_EN=0 it
freezes the read SFR content
D9
CAL_EN
Enable the calibration procedure. Used in
communication mode.
D8
START_DSP
Start the 3D Hall Core. Used in communication
mode to start the DSP measurements.
D7
Reserved
:
D4
D3
EE_RESET
Force EEPROM reset. Used in communication
mode.
D2
EE_DWNL
Force EEPROM download. Used in communication
mode.
D1
CFG_EPP <1>
EEPROM programming mode:
00: no EEPROM permanent write; 11: permanent
write of the current EEPROM page (bits CFG_EPP
are automatically cleared); 01: permanent write
after each EEPROM write command.
D0 (LSB)
CFG_EPP <0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com