Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 26 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 26 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 22Page - ams AG AS5403E-HTST Datasheet HTML 23Page - ams AG AS5403E-HTST Datasheet HTML 24Page - ams AG AS5403E-HTST Datasheet HTML 25Page - ams AG AS5403E-HTST Datasheet HTML 26Page - ams AG AS5403E-HTST Datasheet HTML 27Page - ams AG AS5403E-HTST Datasheet HTML 28Page - ams AG AS5403E-HTST Datasheet HTML 29Page - ams AG AS5403E-HTST Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Output Drivers
Digital Switch
The AS5403 provides a digital output switch function. This
signal can be defined by settings in the EEPROM. The switching
point DSW SW POINT <11:0> are compared to the calculated
linearized sensor position. The polarity is selectable and the
hysteresis is configurable. Possible configurations for DSW
selectable from EEPROM bits are:
Figure 27:
Possible Configurations of DSW Pin
Note(s) and/or Footnote(s):
1. All other not specified combinations are reserved and not allowed.
Mode
DSW
CFG<2>
DSW
CFG <1>
DSW
CFG <0>
Comments
Digital switch
push/pull
00
0
Push-Pull digital output driver external
pull up required
Digital switch
open source
00
1
High side digital driver external pull
down required
Digital switch
open drain
01
0
Low side digital driver external pull up
required
PWMn push/pull
0
1
1
Inverted pulse width modulated output
with push/pull driver external pull up
required
PWMn open drain
1
0
0
Inverted pulse width modulated output
with low side driver external pull up
required
PWM push/pull
1
0
1
Pulse width modulated output with low
side driver external pull up required
PWM open drain
1
1
0
Pulse width modulated output with low
side driver external pull up required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com