Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 38 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 38 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 34Page - ams AG AS5403E-HTST Datasheet HTML 35Page - ams AG AS5403E-HTST Datasheet HTML 36Page - ams AG AS5403E-HTST Datasheet HTML 37Page - ams AG AS5403E-HTST Datasheet HTML 38Page - ams AG AS5403E-HTST Datasheet HTML 39Page - ams AG AS5403E-HTST Datasheet HTML 40Page - ams AG AS5403E-HTST Datasheet HTML 41Page - ams AG AS5403E-HTST Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Device Configuration
Figure 43:
Possible Table Selection AS5403A and AS5403D
Figure 44:
Possible Table Selection AS5403E
Table 0
Table Select 00
Table 1
Table Select 01
Table 2
Table Select 10
Sensor
arrangement
X/Z
X/Z
X/Z
EEPROM
0x00B
settings
Absolute Mode Pixel1
1 kHz Sampling Rate
Differential/Average Mode
1 kHz Sampling Rate
Differential/Average Mode
1 kHz Sampling Rate
Magnet
orientation
Table 0
Table Select 00
Table 1
Table Select 01
Table 2
Table Select 10
Sensor
arrangement
X/Y
X/Y
X/Y
EEPROM
0x00B
settings
Differential/Average Mode
1 kHz Sampling Rate
Absolute Mode
1 kHz Sampling Rate
Absolute Mode
0.125 kHz Sampling Rate
Magnet
orientation
Off-axis (ring magnet or sector magnet)
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com