Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 28 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 28 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 24Page - ams AG AS5403E-HTST Datasheet HTML 25Page - ams AG AS5403E-HTST Datasheet HTML 26Page - ams AG AS5403E-HTST Datasheet HTML 27Page - ams AG AS5403E-HTST Datasheet HTML 28Page - ams AG AS5403E-HTST Datasheet HTML 29Page - ams AG AS5403E-HTST Datasheet HTML 30Page - ams AG AS5403E-HTST Datasheet HTML 31Page - ams AG AS5403E-HTST Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − 4-Wire Serial Peripheral Inter face (SPI)
AS5403 is equipped with a 4wire serial peripheral interface (SPI)
to access the EEPROM memory and the read /write registers.
SCS input pin (active high) selects the device for serial transfers.
Register data is shifted in from the external master on the SDI
pin or shifted out from the device on the SDO pin on each
subsequent SCLK, in both the cases MSB first. Data are captured
on the rising edge and shifted on the falling edge of SCLK for
receiving command and transmitting command. An even parity
bit is used to check the consistency of the frame. SPI protocol
is built by frames; each frame is composed by 4 bytes and it is
detected only when SCS pin is high. If a frame contains a
number of bits different from the expected the command is not
executed.
Valid commands for the SPI interface are the following:
Figure 30:
Commands SPI
Write (0)
The first byte of the write command is composed by the
command identifier (CMD) the even parity bit (PAR) and the
MSBs of the address AD<10:8>.
The second byte of the command is the remaining part of the
address AD<7:0>, the third and the fourth byte contains the
data word we want to write (D<15:0>) on address AD<10:0>.
The device forces the SDO pin low. With this command it is
possible to access the EEPROM locations and the read/write
registers area.
Figure 31:
SPI Write
CMD Name
CMD
Value
Note
AS5403
Communication Mode
Write
0
Write data in the memory area
SLAVE
Read
1
Read data from the memory area
SLAVE/MASTER
4-Wire Serial Peripheral
Interface (SPI)
CMD
0
0
PAR
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
D15
D14
D13
D12
D11
D10
D9
D8
SDI
SDO
SCLK
SCS
0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com