Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 32 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 32 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 28Page - ams AG AS5403E-HTST Datasheet HTML 29Page - ams AG AS5403E-HTST Datasheet HTML 30Page - ams AG AS5403E-HTST Datasheet HTML 31Page - ams AG AS5403E-HTST Datasheet HTML 32Page - ams AG AS5403E-HTST Datasheet HTML 33Page - ams AG AS5403E-HTST Datasheet HTML 34Page - ams AG AS5403E-HTST Datasheet HTML 35Page - ams AG AS5403E-HTST Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Programming the AS5403
The 2nd and 3rd frames contain the command Read/ Write
(1 bit) and the address (7+7 bits):
Figure 37:
2nd and 3rd Frame Addressing
Write Command
Figure 38:
Write Command Frames
AD
3
AD
4
AD
5
AD
6
R/Wn
par
start
stop
AD
0
AD
1
AD
2
AD
10
AD
11
AD
12
AD
13
R/Wn
par
start
stop
AD
7
AD
8
AD
9
Synchronization frame:
start
stop
D0
D1
D2
D3
D4
D5
D6
D7 par
Write command frame low address:
AD
0
AD
1
AD
2
AD
3
AD
4
par
start
stop
AD
5
AD
6
R/
Wn
Write command frame high address:
AD
10
AD
11
AD
12
AD
13
R/Wn
par
start
stop
AD
7
AD
8
AD
9
Data L frame (LSBs of the data to write on address AD<13:0>):
par
start
stop
D0
0
D0
1
D0
2
D0
3
D0
4
D0
5
D0
6
D0
7
Data H frame (MSBs data to write on address AD<13:0>):
par
start
stop
D0
0
D0
1
D0
2
D0
3
D0
4
D0
5
D0
6
D0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com