Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5403E-HTST Datasheet(PDF) 55 Page - ams AG

Part # AS5403E-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5403E-HTST Datasheet(HTML) 55 Page - ams AG

Back Button AS5403E-HTST Datasheet HTML 51Page - ams AG AS5403E-HTST Datasheet HTML 52Page - ams AG AS5403E-HTST Datasheet HTML 53Page - ams AG AS5403E-HTST Datasheet HTML 54Page - ams AG AS5403E-HTST Datasheet HTML 55Page - ams AG AS5403E-HTST Datasheet HTML 56Page - ams AG AS5403E-HTST Datasheet HTML 57Page - ams AG AS5403E-HTST Datasheet HTML 58Page - ams AG AS5403E-HTST Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
ams Datasheet
Page 55
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Device Configuration
Protections
When the voltage applied to the VDD pin falls below the
undervoltage lower threshold (VDDUVTL) for longer than the
TVDDUVDET time the device stops the clock of the digital part,
it resets the EEPROM signature calculation and the 3D Hall core
and the output drivers are turned off to reduce the power
consumption. When the voltage applied to the VDD pin exceeds
the VDD undervoltage upper threshold (VDDUVTH) for longer
than the TVDDUVREC time the clock, the signature calculation
and the 3D Hall core are restarted and the output drivers are
turned ON.
Figure 83:
Single Wire Bit Timing
Symbol
Parameter
Min
Typ
Max
Unit
VDDUVTH
VDD Undervoltage Upper Threshold
3.7
4.1
4.5
V
VDDUVTL
VDD Undervoltage Lower Threshold
3.3
3.7
4.1
V
TVDDUVDET
VDD Undervoltage Detection Time
10
250
μs
TVDDUVREC
VDD Undervoltage Recovery Time
10
250
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com