Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 47 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 47 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 43Page - Silicon Laboratories EM341 Datasheet HTML 44Page - Silicon Laboratories EM341 Datasheet HTML 45Page - Silicon Laboratories EM341 Datasheet HTML 46Page - Silicon Laboratories EM341 Datasheet HTML 47Page - Silicon Laboratories EM341 Datasheet HTML 48Page - Silicon Laboratories EM341 Datasheet HTML 49Page - Silicon Laboratories EM341 Datasheet HTML 50Page - Silicon Laboratories EM341 Datasheet HTML 51Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 237 page
background image
EM341
48
Rev 1.0
7. GPIO (General Purpose Input/Output)
The EM341 has 24 multipurpose GPIO pins, which may be individually configured as follows:

General purpose output

General purpose open-drain output

Alternate output controlled by a peripheral device

Alternate open-drain output controlled by a peripheral device

Analog

General purpose input

General purpose input with pull-up or pull-down resistor
The basic structure of a single GPIO is illustrated in GPIO Block DiagramFigure 7.1.
Figure 7.1. GPIO Block Diagram
A Schmitt trigger converts the GPIO pin voltage to a digital input value. The digital input signal is then always
routed to the GPIO_PxIN register; to the alternate inputs of associated peripheral devices; to wake detection logic
if wake detection is enabled; and, for certain pins, to interrupt generation logic. Configuring a pin in analog mode
disconnects the digital input from the pin and applies a high logic level to the input of the Schmitt trigger.
Only one device at a time can control a GPIO output. The output is controlled in normal output mode by the
GPIO_PxOUT register and in alternate output mode by a peripheral device. When in input mode or analog mode,
digital output is disabled.
GPIO_PxIN
GPIO_PxOUT
GPIO_PxSET
GPIO_PxCLR
GPIO_PxWAKE
GPIO_PxCFGH/L
Alternate output
Analog
functions
Wake detection
PIN
Alternate input
VDD_PADS
GND
VDD_PADS
GND
Output control
(push pull ,
open drain , or
disabled )
Schmitt trigger
VDD_PADS
GND
Protection
diode
Protection
diode
P-MOS
N-MOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com