Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 60 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 60 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 56Page - Silicon Laboratories EM341 Datasheet HTML 57Page - Silicon Laboratories EM341 Datasheet HTML 58Page - Silicon Laboratories EM341 Datasheet HTML 59Page - Silicon Laboratories EM341 Datasheet HTML 60Page - Silicon Laboratories EM341 Datasheet HTML 61Page - Silicon Laboratories EM341 Datasheet HTML 62Page - Silicon Laboratories EM341 Datasheet HTML 63Page - Silicon Laboratories EM341 Datasheet HTML 64Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 237 page
background image
EM341
Rev 1.0
61
GPIO_PASET: Address: 0x4000B010 Reset: 0x0
GPIO_PBSET: Address: 0x4000B410 Reset: 0x0
GPIO_PCSET: Address: 0x4000B810 Reset: 0x0
Register 7.6. GPIO_PxSET
GPIO_PASET: Port A Output Set Register
GPIO_PBSET: Port B Output Set Register
GPIO_PCSET: Port C Output Set Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
GPIO_PXSETRSVD
Bit
7
6
5
4
3
2
1
0
Name
Px7
Px6
Px5
Px4
Px3
Px2
Px1
Px0
Bitname
Bitfield Access
Description
GPIO_PXSETRSVD
[15:8]
W
Reserved: these bits must be set to 0.
Px7
[7]
W
Write 1 to set the output data bit for Px7 (writing 0 has no effect).
Px6
[6]
W
Write 1 to set the output data bit for Px6 (writing 0 has no effect).
Px5
[5]
W
Write 1 to set the output data bit for Px5 (writing 0 has no effect).
Px4
[4]
W
Write 1 to set the output data bit for Px4 (writing 0 has no effect).
Px3
[3]
W
Write 1 to set the output data bit for Px3 (writing 0 has no effect).
Px2
[2]
W
Write 1 to set the output data bit for Px2 (writing 0 has no effect).
Px1
[1]
W
Write 1 to set the output data bit for Px1 (writing 0 has no effect).
Px0
[0]
W
Write 1 to set the output data bit for Px0 (writing 0 has no effect).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com