Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 44 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 44 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 40Page - Silicon Laboratories EM341 Datasheet HTML 41Page - Silicon Laboratories EM341 Datasheet HTML 42Page - Silicon Laboratories EM341 Datasheet HTML 43Page - Silicon Laboratories EM341 Datasheet HTML 44Page - Silicon Laboratories EM341 Datasheet HTML 45Page - Silicon Laboratories EM341 Datasheet HTML 46Page - Silicon Laboratories EM341 Datasheet HTML 47Page - Silicon Laboratories EM341 Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 237 page
background image
EM341
44
Rev 1.0
6.5.2. Basic Sleep Modes
The power management state diagram in Figure 6.3 shows the basic operation of the power management
controller.
Figure 6.3. Power Management State Diagram
In normal operation an application may request one of two low power modes through program execution:

Idle Sleep is achieved by executing a WFI instruction while the SLEEPDEEP bit in the Cortex System
Control register (SCS_SCR) is clear. This puts the CPU into an idle state where execution is suspended
until an interrupt occurs. This is indicated by the state at the bottom of the diagram. Power is maintained to
the core logic of the EM341 during the Idle Sleeping state.

Deep sleep is achieved by executing a WFI instruction with the SLEEPDEEP bit in SCS_SCR set. This
triggers the state transitions around the main loop of the diagram, resulting in powering down the EM341's
core logic, and leaving only the always-on domain powered. Wake up is triggered when one of the pre-
determined events occurs.
If a deep sleep is requested the EM341 first enters a pre-deep sleep state. This state prevents any section of the
chip from being powered off or reset until the SWJ goes idle (by clearing CSYSPWRUPREQ). This pre-deep sleep
state ensures debug operations are not interrupted.
In the deep sleep state the EM341 waits for a wake up event which will return it to the running state. In powering up
the core logic the ARM® CortexTM-M3 is put through a reset cycle and Ember software restores the stack and
application state to the point where deep sleep was invoked.
DEEP SLEEP
EMULATED
DEEP SLEEP
PRE-DEEP
SLEEP
RUNNING
IDLE SLEEP
CDBGPWRUPREQ set
CDBGPWRUPREQ cleared
Deep sleep requested
(WFI instruction with SLEEP_DEEP=1)
Interr
upt
CSY
SPW
RUP
REQ
& IN
HIB
IT
Wak
e up
even
t
(rese
ts th
e pro
cess
or)
CD
BG
PW
RU
PR
EQ
=1
& C
SY
SP
WR
UP
RE
Q=
0
Sleep requ
ested
(WFI instr
uction with
SLEEP_D
EEP=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com