Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 65 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 65 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 61Page - Silicon Laboratories EM341 Datasheet HTML 62Page - Silicon Laboratories EM341 Datasheet HTML 63Page - Silicon Laboratories EM341 Datasheet HTML 64Page - Silicon Laboratories EM341 Datasheet HTML 65Page - Silicon Laboratories EM341 Datasheet HTML 66Page - Silicon Laboratories EM341 Datasheet HTML 67Page - Silicon Laboratories EM341 Datasheet HTML 68Page - Silicon Laboratories EM341 Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 237 page
background image
EM341
66
Rev 1.0
Address: 0x4000A814 Reset: 0x0
Address: 0x4000BC00 Reset: 0x10
Register 7.11. INT_GPIOFLAG: GPIO Interrupt Flag Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
INT_IRQDFLAG INT_IRQCFLAG INT_IRQBFLAG INT_IRQAFLAG
Bitname
Bitfield Access
Description
INT_IRQDFLAG
[3]
RW
IRQD interrupt pending. Write 1 to clear IRQD interrupt (writing 0 has no effect).
INT_IRQCFLAG
[2]
RW
IRQC interrupt pending. Write 1 to clear IRQC interrupt (writing 0 has no effect).
INT_IRQBFLAG
[1]
RW
IRQB interrupt pending. Write 1 to clear IRQB interrupt (writing 0 has no effect).
INT_IRQAFLAG
[0]
RW
IRQA interrupt pending. Write 1 to clear IRQA interrupt (writing 0 has no effect).
Register 7.12. GPIO_DBGCFG: GPIO Debug Configuration Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
GPIO_DEBUGDIS
GPIO_EXTREGEN
GPIO_DBGCFGRSVD
0
0
0
Bitname
Bitfield
Access
Description
GPIO_DEBUGDIS
[5]
RW
Disable debug interface override of normal GPIO configuration.
0: Permit debug interface to be active.
1: Disable debug interface (if it is not already active).
GPIO_EXTREGEN
[4]
RW
Enable REG_EN override of PA7's normal GPIO configuration.
0: Disable override.
1: Enable override.
GPIO_DBGCFGRSVD
[3]
RW
Reserved: this bit can change during normal operation. When writing to GPI-
O_DBGCFG, the value of this bit must be preserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com