Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 94 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 94 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 90Page - Silicon Laboratories EM341 Datasheet HTML 91Page - Silicon Laboratories EM341 Datasheet HTML 92Page - Silicon Laboratories EM341 Datasheet HTML 93Page - Silicon Laboratories EM341 Datasheet HTML 94Page - Silicon Laboratories EM341 Datasheet HTML 95Page - Silicon Laboratories EM341 Datasheet HTML 96Page - Silicon Laboratories EM341 Datasheet HTML 97Page - Silicon Laboratories EM341 Datasheet HTML 98Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 237 page
background image
EM341
Rev 1.0
95
8.6.5. DMA
"8.7. DMA Channels" on page 99 describes how to configure and use the serial receive and transmit DMA
channels.
The receive DMA channel has special provisions to record UART receive errors. When the DMA channel transfers
a character from the receive FIFO to a buffer in memory, it checks the stored parity and frame error status flags.
When an error is flagged, the SC1_RXERRA/B register is updated, marking the offset to the first received
character with a parity or frame error. Similarly if a receive overrun error occurs, the SC1_RXERRA/B registers
mark the error offset. The receive FIFO hardware generates the INT_SCRXOVF interrupt and DMA status register
indicates the error immediately, but in this case the error offset is 4 characters ahead of the actual overflow at the
input to the receive FIFO. Two conditions will clear the error indication: setting the appropriate SC_RXDMARST bit
in the SC1_DMACTRL register, or loading the appropriate DMA buffer after it has unloaded.
8.6.6. Interrupts
UART interrupts are generated on the following events:

Transmit FIFO empty and last character shifted out (depending on SCx_INTMODE, either the 0 to 1
transition or the high level of SC_UARTTXIDLE)

Transmit FIFO changed from full to not full (depending on SCx_INTMODE, either the 0 to 1 transition or the
high level of SC_UARTTXFREE)

Receive FIFO changed from empty to not empty (depending on SCx_INTMODE, either the 0 to 1 transition
or the high level of SC_UARTRXVAL)

Transmit DMA buffer A/B complete (1 to 0 transition of SC_TXACTA/B)

Receive DMA buffer A/B complete (1 to 0 transition of SC_RXACTA/B)

Character received with parity error

Character received with frame error

Character received and lost when receive FIFO was full (receive overrun error)
To enable CPU interrupts, set the desired interrupt bits in the second-level INT_SCxCFG register, and enable the
top-level SCx interrupt in the NVIC by writing the INT_SCx bit in the INT_CFGSET register.
Table 8.12. UART RTS/CTS Flow Control Configurations
SC1_UARTCFG
Pins Used
Operating Mode
SC_UARTxxx*
FLOW AUTO RTS
0
—
—
TXD, RXD
No RTS/CTS flow control
1
0
0/1
TXD, RXD,
nCTS, nRTS
Flow control using RTS/CTS with software control of nRTS:
nRTS controlled by SC_UARTRTS bit in SC1_UARTCFG register
1
1
—
TXD, RXD,
nCTS, nRTS
Flow control using RTS/CTS with hardware control of nRTS:
nRTS is asserted if room for at least 2 characters in receive FIFO
*Note: The notation “xxx” means that the corresponding column header below is inserted to form the field name.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com