Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 93 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 93 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 89Page - Silicon Laboratories EM341 Datasheet HTML 90Page - Silicon Laboratories EM341 Datasheet HTML 91Page - Silicon Laboratories EM341 Datasheet HTML 92Page - Silicon Laboratories EM341 Datasheet HTML 93Page - Silicon Laboratories EM341 Datasheet HTML 94Page - Silicon Laboratories EM341 Datasheet HTML 95Page - Silicon Laboratories EM341 Datasheet HTML 96Page - Silicon Laboratories EM341 Datasheet HTML 97Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 237 page
background image
EM341
94
Rev 1.0
8.6.3. FIFOs
Characters transmitted and received by the UART are buffered in the transmit and receive FIFOs that are both 4
entries deep (see Figure 8.4). When software writes a character to the SC1_DATA register, it is pushed onto the
transmit FIFO. Similarly, when software reads from the SC1_DATA register, the character returned is pulled from
the receive FIFO. If the transmit and receive DMA channels are used, the DMA channels also write to and read
from the transmit and receive FIFOs.
Figure 8.4. UART FIFOs
8.6.4. RTS/CTS Flow control
RTS/CTS flow control, also called hardware flow control, uses two signals (nRTS and nCTS) in addition to received
and transmitted data (see Figure 8.5). Flow control is used by a data receiver to prevent buffer overflow, by
signaling an external device when it is and is not allowed to transmit.
Figure 8.5. RTS/CTS Flow Control Connections
The UART RTS/CTS flow control options are selected by the SC_UARTFLOW and SC_UARTAUTO bits in the
SC1_UARTCFG register (see Table 8.12). Whenever the SC_UARTFLOW bit is set, the UART will not start
transmitting a character unless nCTS is low (asserted). If nCTS transitions to the high state (deasserts) while a
character is being transmitted, transmission of that character continues until it is complete.
If the SC_UARTAUTO bit is set, nRTS is controlled automatically by hardware: nRTS is put into the low state
(asserted) when the receive FIFO has room for at least two characters, otherwise is it in the high state
(unasserted). If SC_UARTAUTO is clear, software controls the nRTS output by setting or clearing the
SC_UARTRTS bit in the SC1_UARTCFG register. Software control of nRTS is useful if the external serial device
cannot stop transmitting characters promptly when nRTS is set to the high state (deasserted).
Receive Shift Register
SC1_DATA (read)
Transmit Shift Register
SC1_DATA (write)
RXD
TXD
Parity/Frame Errors
SC1_UARTSTAT
CPU and DMA
Channel Access
Other Device
UART Receiver
UART Transmitter
EM341
UART Transmitter
UART Receiver
RXD
TXD
nRTS
nCTS
TXD
RXD
nCTS
nRTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com